Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STF2N95K5 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STF2N95K5
Description  N-channel 950 V, 4.2 Ω typ., 2 A Zener-protected SuperMESH™5 Power MOSFETs in DPAK, TO-220FP, TO-220 and IPAK packages
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF2N95K5 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STF2N95K5 Datasheet HTML 3Page - STMicroelectronics STF2N95K5 Datasheet HTML 4Page - STMicroelectronics STF2N95K5 Datasheet HTML 5Page - STMicroelectronics STF2N95K5 Datasheet HTML 6Page - STMicroelectronics STF2N95K5 Datasheet HTML 7Page - STMicroelectronics STF2N95K5 Datasheet HTML 8Page - STMicroelectronics STF2N95K5 Datasheet HTML 9Page - STMicroelectronics STF2N95K5 Datasheet HTML 10Page - STMicroelectronics STF2N95K5 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
DocID025300 Rev 1
7/23
STD2N95K5, STF2N95K5, STP2N95K5, STU2N95K5
Electrical characteristics
23
Figure 8. Output characteristics
Figure 9. Transfer characteristics
Figure 10. Gate charge vs gate-source voltage
Figure 11. Static drain-source on-resistance
Figure 12. Capacitance variations
Figure 13. Output capacitance stored energy
ID
1
0.5
05
15
VDS(V)
10
(A)
0
VGS= 11V
10V
9V
8V
7V
6V
20
1.5
2
2.5
3
GIPD250920131453FSR
ID
1
0.5
56
8
VGS(V)
7
(A)
0
VDS= 20V
9
1.5
2
2.5
3
10
GIPD250920131502FSR
VGS
4
2
02
6
Qg(nC)
4
(V)
0
8
6
8
10
12
10
VDS
(V)
0
100
200
300
400
500
600
700
800
VDD = 760 V
ID = 2 A
GIPD250920131508FSR
RDS(on)
2
1
00.4
1.2
ID(A)
0.8
(Ω)
0
1.6
3
4
5
6
VGS= 10V
7
2
8
9
10
GIPD250920131521FSR
C
10
1
0.1
1
100
VDS(V)
10
(pF)
0.1
100
1000
GIPD250920131528FSR
E
2
0200
600
VDS(V)
400
(μJ)
0
800
1
3
GIPD250920131533FSR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com