Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STD9N65M2 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STD9N65M2
Description  Extremely low gate charge
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD9N65M2 Datasheet(HTML) 3 Page - STMicroelectronics

  STD9N65M2 Datasheet HTML 1Page - STMicroelectronics STD9N65M2 Datasheet HTML 2Page - STMicroelectronics STD9N65M2 Datasheet HTML 3Page - STMicroelectronics STD9N65M2 Datasheet HTML 4Page - STMicroelectronics STD9N65M2 Datasheet HTML 5Page - STMicroelectronics STD9N65M2 Datasheet HTML 6Page - STMicroelectronics STD9N65M2 Datasheet HTML 7Page - STMicroelectronics STD9N65M2 Datasheet HTML 8Page - STMicroelectronics STD9N65M2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
DocID025975 Rev 2
3/23
STD9N65M2, STF9N65M2, STP9N65M2, STU9N65M2
Electrical ratings
23
1
Electrical ratings
Table 2. Absolute maximum ratings
Symbol
Parameter
Value
Unit
DPAK, TO-220,
IPAK
TO-220FP
VGS
Gate-source voltage
± 25
V
ID
Drain current (continuous) at TC = 25 °C
5
5(1)
1.
Current limited by package.
A
ID
Drain current (continuous) at TC = 100 °C
3.2
3.2(1)
A
IDM
(2)
2.
Pulse width limited by safe operating area.
Drain current (pulsed)
20
A
PTOT
Total dissipation at TC = 25 °C
60
20
W
VISO
Insulation withstand voltage (RMS) from all
three leads to external heat sink
(t=1 s; TC=25 °C)
2500
V
dv/dt (3)
3.
ISD ≤ 5 A, di/dt ≤ 400 A/µs; VDS peak < V(BR)DSS, VDD=400 V
Peak diode recovery voltage slope
15
V/ns
dv/dt(4)
4.
VDS ≤ 520 V
MOSFET dv/dt ruggedness
50
Tstg
Storage temperature
- 55 to 150
°C
Tj
Max. operating junction temperature
150
Table 3. Thermal data
Symbol
Parameter
Value
Unit
DPAK TO-220FP TO-220 IPAK
Rthj-case
Thermal resistance junction-case max
2.08
6.25
2.08
°C/W
Rthj-pcb
(1)
1.
When mounted on 1 inch² FR-4, 2 Oz copper board
Thermal resistance junction-pcb max
50
°C/W
Rthj-amb
Thermal resistance junction-ambient max
62.5
100
°C/W
Table 4. Avalanche characteristics
Symbol
Parameter
Value
Unit
IAR
Avalanche current, repetitive or not
repetitive (pulse width limited by Tjmax)
1A
EAS
Single pulse avalanche energy (starting
Tj=25°C, ID= IAR; VDD=50)
105
mJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com