Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STU9N65M2 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STU9N65M2
Description  Extremely low gate charge
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STU9N65M2 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STU9N65M2 Datasheet HTML 4Page - STMicroelectronics STU9N65M2 Datasheet HTML 5Page - STMicroelectronics STU9N65M2 Datasheet HTML 6Page - STMicroelectronics STU9N65M2 Datasheet HTML 7Page - STMicroelectronics STU9N65M2 Datasheet HTML 8Page - STMicroelectronics STU9N65M2 Datasheet HTML 9Page - STMicroelectronics STU9N65M2 Datasheet HTML 10Page - STMicroelectronics STU9N65M2 Datasheet HTML 11Page - STMicroelectronics STU9N65M2 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
Electrical characteristics
STD9N65M2, STF9N65M2, STP9N65M2, STU9N65M2
8/23
DocID025975 Rev 2
Figure 14. Normalized gate threshold voltage vs
temperature
Figure 15. Normalized on-resistance vs
temperature
Figure 16. Source-drain diode forward
characteristics
Figure 17. Normalized V(BR)DSS vs temperature
VGS(th)
1.0
0.9
0.8
0.7
-50
0
TJ(°C)
(norm)
-25
1.1
75
25
50
100
ID=250
µA
AM18065v1
RDS(on)
1.9
1.3
0.9
0.5
-50
0
TJ(°C)
(norm)
-25
75
25
50
100
0.7
1.1
1.5
1.7
2.1
2.3
ID=2.5A
VGS=10V
AM18066v1
VSD
2
ISD(A)
(V)
1
3
4
0.5
0.6
0.7
TJ=-50°C
TJ=150°C
TJ=25°C
0.8
0.9
1
AM18068v1
V(BR)DSS
-50
0
TJ(°C)
(norm)
-25
75
25
50
100
0.91
0.93
0.95
0.97
0.99
1.01
1.03
1.05
ID=1mA
1.07
1.09
1.11
AM18067v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com