Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STD12N50M2 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STD12N50M2
Description  Zener-protected
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD12N50M2 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STD12N50M2 Datasheet HTML 7Page - STMicroelectronics STD12N50M2 Datasheet HTML 8Page - STMicroelectronics STD12N50M2 Datasheet HTML 9Page - STMicroelectronics STD12N50M2 Datasheet HTML 10Page - STMicroelectronics STD12N50M2 Datasheet HTML 11Page - STMicroelectronics STD12N50M2 Datasheet HTML 12Page - STMicroelectronics STD12N50M2 Datasheet HTML 13Page - STMicroelectronics STD12N50M2 Datasheet HTML 14Page - STMicroelectronics STD12N50M2 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
DocID026043 Rev 4
11/16
STD12N50M2
Package mechanical data
16
Table 9. DPAK (TO-252) type A mechanical data
Dim.
mm
Min.
Typ.
Max.
A2.20
2.40
A1
0.90
1.10
A2
0.03
0.23
b0.64
0.90
b4
5.20
5.40
c0.45
0.60
c2
0.48
0.60
D6.00
6.20
D1
5.10
E6.40
6.60
E1
4.70
e2.28
e1
4.40
4.60
H
9.35
10.10
L1.00
1.50
L1
2.80
L2
0.80
L4
0.60
1.00
R0.20
V2
0°
8°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com