Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STD80N10F7 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STD80N10F7
Description  Ultra low on-resistance
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD80N10F7 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STD80N10F7 Datasheet HTML 10Page - STMicroelectronics STD80N10F7 Datasheet HTML 11Page - STMicroelectronics STD80N10F7 Datasheet HTML 12Page - STMicroelectronics STD80N10F7 Datasheet HTML 13Page - STMicroelectronics STD80N10F7 Datasheet HTML 14Page - STMicroelectronics STD80N10F7 Datasheet HTML 15Page - STMicroelectronics STD80N10F7 Datasheet HTML 16Page - STMicroelectronics STD80N10F7 Datasheet HTML 17Page - STMicroelectronics STD80N10F7 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
Package mechanical data
STD80N10F7, STF80N10F7, STH80N10F7-2, STP80N10F7
14/25
DocID025865 Rev 1
Table 9. DPAK (TO-252) type A mechanical data
Dim.
mm
Min.
Typ.
Max.
A2.20
2.40
A1
0.90
1.10
A2
0.03
0.23
b0.64
0.90
b4
5.20
5.40
c0.45
0.60
c2
0.48
0.60
D6.00
6.20
D1
5.10
E6.40
6.60
E1
4.70
e2.28
e1
4.40
4.60
H
9.35
10.10
L1.00
1.50
(L1)
2.80
L2
0.80
L4
0.60
1.00
R0.20
V2
0°
8°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com