Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STH80N10F7-2 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STH80N10F7-2
Description  Ultra low on-resistance
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STH80N10F7-2 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STH80N10F7-2 Datasheet HTML 3Page - STMicroelectronics STH80N10F7-2 Datasheet HTML 4Page - STMicroelectronics STH80N10F7-2 Datasheet HTML 5Page - STMicroelectronics STH80N10F7-2 Datasheet HTML 6Page - STMicroelectronics STH80N10F7-2 Datasheet HTML 7Page - STMicroelectronics STH80N10F7-2 Datasheet HTML 8Page - STMicroelectronics STH80N10F7-2 Datasheet HTML 9Page - STMicroelectronics STH80N10F7-2 Datasheet HTML 10Page - STMicroelectronics STH80N10F7-2 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
DocID025865 Rev 1
7/25
STD80N10F7, STF80N10F7, STH80N10F7-2, STP80N10F7
Electrical characteristics
25
Figure 8. Static drain-source on-resistance for
DPAK and TO-220
Figure 9. Static drain-source on-resistance for
H2PAK-2
RDS(on)
8.1
7.9
7.7
7.5
0
80
ID(A)
(mΩ)
40
8.3
8.5
VGS=10V
20
60
8.7
8.9
9.1
AM18070v1
RDS(on)
7.6
7.4
7.2
7.0
0
80
ID(A)
(mΩ)
40
7.8
8.0
VGS=10V
20
60
8.2
8.4
8.6
AM15973v1
Figure 10. Static drain-source on-resistance for
TO-220FP
Figure 11. Gate charge vs gate-source voltage
RDS(on)
8.1
7.9
7.7
7.5
0
20
ID(A)
(mΩ)
10
8.3
VGS=10V
5
15
8.5
25
30
8.7
8.9
9.1
AM15984v1
VGS
6
4
2
0
0
10
Qg(nC)
(V)
40
8
20
30
10
VDD=50V
ID=80A
12
50
AM15974v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com