Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STF10N105K5 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STF10N105K5
Description  Ultra low gate charge
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF10N105K5 Datasheet(HTML) 5 Page - STMicroelectronics

  STF10N105K5 Datasheet HTML 1Page - STMicroelectronics STF10N105K5 Datasheet HTML 2Page - STMicroelectronics STF10N105K5 Datasheet HTML 3Page - STMicroelectronics STF10N105K5 Datasheet HTML 4Page - STMicroelectronics STF10N105K5 Datasheet HTML 5Page - STMicroelectronics STF10N105K5 Datasheet HTML 6Page - STMicroelectronics STF10N105K5 Datasheet HTML 7Page - STMicroelectronics STF10N105K5 Datasheet HTML 8Page - STMicroelectronics STF10N105K5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
STF10N105K5, STP10N105K5, STW10N105K5
Electrical characteristics
DocID026932 Rev 2
5/18
Table 7: Source-drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ISD
Source-drain current
-
6
A
ISDM
(1)
Source-drain current (pulsed)
24
A
VSD
(2)
Forward on voltage
ISD = 6 A, VGS = 0
1.5
V
trr
Reverse recovery time
ISD = 6 A, di/dt = 100 A/µs
VDD = 60 V
345
ns
Qrr
Reverse recovery charge
3.53
µC
IRRM
Reverse recovery current
20.5
A
trr
Reverse recovery time
ISD = 6 A, di/dt = 100 A/µs
VDD = 60 V TJ = 150 °C
540
ns
Qrr
Reverse recovery charge
5.05
µC
IRRM
Reverse recovery current
18.5
A
Notes:
(1)
Pulse width limited by safe operating area.
(2)
Pulsed: pulse duration = 300 µs, duty cycle 1.5%.
Table 8: Gate-source Zener diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)GSO
Gate-source breakdown voltage
IGS = ± 1 mA, ID = 0
30
-
-
V
The built-in back-to-back Zener diodes have been specifically designed to enhance the
ESD capability of the device. The Zener voltage is appropriate for efficient and cost-
effective intervention to protect the device integrity. These integrated Zener diodes thus
eliminate the need for external components.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com