Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RN1102 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # RN1102
Description  Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

RN1102 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  RN1102 Datasheet HTML 1Page - Toshiba Semiconductor RN1102 Datasheet HTML 2Page - Toshiba Semiconductor RN1102 Datasheet HTML 3Page - Toshiba Semiconductor RN1102 Datasheet HTML 4Page - Toshiba Semiconductor RN1102 Datasheet HTML 5Page - Toshiba Semiconductor RN1102 Datasheet HTML 6Page - Toshiba Semiconductor RN1102 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
RN1101
~RN1106
2001-06-07
1
Type No.
R1 (kΩ)
R2 (kΩ)
RN1101
4.7
4.7
RN1102
10
10
RN1103
22
22
RN1104
47
47
RN1105
2.2
47
RN1106
4.7
47
TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT Process)
RN1101,RN1102,RN1103
RN1104,RN1105,RN1106
Switching, Inverter Circuit, Interface Circuit
And Driver Circuit Applications
l With built-in bias resistors
l Simplify circuit design
l Reduce a quantity of parts and manufacturing process
l Complementary to RN2101~RN2106
Equivalent Circuit and Bias Resister Values
Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Collector-base voltage
VCBO
50
V
Collector-emitter voltage
RN1101~1106
VCEO
50
V
RN1101~1104
10
Emitter-base voltage
RN1105, 1106
VEBO
5
V
Collector current
IC
100
mA
Collector power dissipation
PC
100
mW
Junction temperature
Tj
150
°C
Storage temperature range
RN1101~1106
Tstg
−55~150

°C
JEDEC
―
EIAJ
―
TOSHIBA
2-2H1A
Weight: 2.4mg
Unit: mm


Similar Part No. - RN1102

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
RN1102 CALMIRCO-RN1102 Datasheet
126Kb / 4P
Isolated Resistor Termination Network
logo
Toshiba Semiconductor
RN1102 TOSHIBA-RN1102 Datasheet
562Kb / 8P
Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications
RN1102CT TOSHIBA-RN1102CT Datasheet
173Kb / 8P
Switching Applications Inverter Circuit Applications Interface Circuit Applications Driver Circuit Applications
RN1102F TOSHIBA-RN1102F Datasheet
313Kb / 7P
SWITCHING ,INVERTER CIRCUIT,INTERFACE CIRCUIT AND DRIVER CIRCUIT APPLICATIONS
RN1102F TOSHIBA-RN1102F Datasheet
573Kb / 8P
Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
More results

Similar Description - RN1102

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
RN2201 TOSHIBA-RN2201 Datasheet
260Kb / 6P
Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN1401 TOSHIBA-RN1401 Datasheet
253Kb / 7P
Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN1410 TOSHIBA-RN1410_07 Datasheet
260Kb / 5P
Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN1210 TOSHIBA-RN1210_07 Datasheet
252Kb / 4P
Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN1112 TOSHIBA-RN1112_07 Datasheet
267Kb / 5P
Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications
RN47A5 TOSHIBA-RN47A5_07 Datasheet
283Kb / 7P
Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications.
RN47A4 TOSHIBA-RN47A4_07 Datasheet
301Kb / 7P
Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications.
RN47A3 TOSHIBA-RN47A3_07 Datasheet
284Kb / 7P
Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications
RN1970HFE TOSHIBA-RN1970HFE Datasheet
260Kb / 6P
Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN4985FE TOSHIBA-RN4985FE Datasheet
260Kb / 6P
Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com