Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STF13N65M2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STF13N65M2
Description  Zener-protected
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF13N65M2 Datasheet(HTML) 1 Page - STMicroelectronics

  STF13N65M2 Datasheet HTML 1Page - STMicroelectronics STF13N65M2 Datasheet HTML 2Page - STMicroelectronics STF13N65M2 Datasheet HTML 3Page - STMicroelectronics STF13N65M2 Datasheet HTML 4Page - STMicroelectronics STF13N65M2 Datasheet HTML 5Page - STMicroelectronics STF13N65M2 Datasheet HTML 6Page - STMicroelectronics STF13N65M2 Datasheet HTML 7Page - STMicroelectronics STF13N65M2 Datasheet HTML 8Page - STMicroelectronics STF13N65M2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
December 2014
DocID026893 Rev 2
1/15
STF13N65M2,
STFI13N65M2
N-channel 650 V, 0.37
Ω typ., 10 A MDmesh™ M2 Power
MOSFETs in TO-220FP and I²PAKFP packages
Datasheet
- production data
Figure 1. Internal schematic diagram
Features
• Extremely low gate charge
• Excellent output capacitance (Coss) profile
• 100% avalanche tested
• Zener-protected
Applications
• Switching applications
Description
These devices are N-channel Power MOSFETs
developed using MDmesh™ M2 technology.
Thanks to their strip layout and improved vertical
structure, the devices exhibit low on-resistance
and optimized switching characteristics, rendering
them suitable for the most demanding high
efficiency converters.
TO-220FP
1
2
3
1
2
3
I2PAKFP (TO-281)
AM15572v1
Order code
VDS
RDS(on)
max
ID
STF13N65M2
650 V
0.43
Ω
10A
STFI13N65M2
Table 1. Device summary
Order code
Marking
Package
Packaging
STF13N65M2
13N65M2
TO-220FP
Tube
STFI13N65M2
I2PAKFP (TO-281)
www.st.com


Similar Part No. - STF13N65M2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STF13N60DM2 STMICROELECTRONICS-STF13N60DM2 Datasheet
719Kb / 13P
N-channel 600 V, 0.310 (ohm) typ., 11 A MDmesh DM2 Power MOSFET in a TO-220FP package
07-Dec-2016
STF13N60M2 STMICROELECTRONICS-STF13N60M2 Datasheet
1Mb / 14P
Low gate input resistance
03-Mar-2014
More results

Similar Description - STF13N65M2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STU7LN80K5 STMICROELECTRONICS-STU7LN80K5 Datasheet
406Kb / 12P
Zener-protected
08-Jan-2016
STU6N90K5 STMICROELECTRONICS-STU6N90K5 Datasheet
704Kb / 12P
Zener-protected
November 2016 Rev 1
STW7N90K5 STMICROELECTRONICS-STW7N90K5 Datasheet
736Kb / 12P
Zener-protected
October 2016 Rev 1
STW20N90K5 STMICROELECTRONICS-STW20N90K5 Datasheet
695Kb / 12P
Zener-protected
December 2016 Rev 2
STB8N90K5 STMICROELECTRONICS-STB8N90K5 Datasheet
894Kb / 15P
Zener-protected
28-Nov-2016
STD12N50M2 STMICROELECTRONICS-STD12N50M2 Datasheet
754Kb / 16P
Zener-protected
09-Dec-2014
STF16N65M2 STMICROELECTRONICS-STF16N65M2 Datasheet
786Kb / 13P
Zener-protected
October 2014 Rev 1
STD7N80K5 STMICROELECTRONICS-STD7N80K5 Datasheet
1,009Kb / 21P
Zener-protected
09-Oct-2013
STL12N65M2 STMICROELECTRONICS-STL12N65M2 Datasheet
472Kb / 15P
Zener-protected
11-May-2015
STW40N95K5 STMICROELECTRONICS-STW40N95K5 Datasheet
767Kb / 13P
Zener-protected
14-Nov-2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com