Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STFI15N60M2-EP Datasheet(PDF) 1 Page - STMicroelectronics

Part # STFI15N60M2-EP
Description  Extremely low gate charge
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFI15N60M2-EP Datasheet(HTML) 1 Page - STMicroelectronics

  STFI15N60M2-EP Datasheet HTML 1Page - STMicroelectronics STFI15N60M2-EP Datasheet HTML 2Page - STMicroelectronics STFI15N60M2-EP Datasheet HTML 3Page - STMicroelectronics STFI15N60M2-EP Datasheet HTML 4Page - STMicroelectronics STFI15N60M2-EP Datasheet HTML 5Page - STMicroelectronics STFI15N60M2-EP Datasheet HTML 6Page - STMicroelectronics STFI15N60M2-EP Datasheet HTML 7Page - STMicroelectronics STFI15N60M2-EP Datasheet HTML 8Page - STMicroelectronics STFI15N60M2-EP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
January 2015
DocID027373 Rev 1
1/15
This is information on a product in full production.
www.st.com
STF15N60M2-EP,
STFI15N60M2-EP
N-
channel 600 V, 0.340 Ω typ., 11 A MDmesh™ M2 EP
Power MOSFET in TO-220FP and I²PAKFP packages
Datasheet - production data
Figure 1: Internal schematic diagram
Features
Order code
VDS@TJmax
RDS(on)max.
ID
STF15N60M2-EP
650 V
0.378 Ω
11 A
STFI15N60M2-EP
Extremely low gate charge
Excellent output capacitance (COSS) profile
Very low turn-off switching losses
100% avalanche tested
Zener-protected
Applications
Switching applications
Tailored for very high frequency converters
(f > 150 kHz)
Description
These devices are N-channel Power MOSFETs
developed using MDme
sh™ M2 EP enhanced
performance technology. Thanks to their strip
layout and improved vertical structure, the
devices exhibit low on-resistance and optimized
switching characteristics with very low turn-off
switching loss, rendering them suitable for the
most demanding very high frequency converters.
Table 1: Device summary
Order code
Marking
Package Packaging
STF15N60M2-EP
15N60M2EP
TO-220FP
Tube
STFI15N60M2-EP
I²PAKFP
(TO-281)
TO-220FP
I2PAKFP (TO-281)
D(2)
G(1)
S(3)
AM01476v1


Similar Part No. - STFI15N60M2-EP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STFI15N65M5 STMICROELECTRONICS-STFI15N65M5 Datasheet
925Kb / 17P
N-channel 650 V, 0.308 廓 typ., 11 A MDmesh??V Power MOSFET in TO-220FP, I2PAKFP and TO-220 packages
09-Nov-2012
STFI15N65M5 STMICROELECTRONICS-STFI15N65M5 Datasheet
925Kb / 17P
N-channel 650 V, 0.308 ohm typ., 11 A MDmesh V Power MOSFET
09-Nov-2012
More results

Similar Description - STFI15N60M2-EP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STWA48N60M2 STMICROELECTRONICS-STWA48N60M2 Datasheet
776Kb / 12P
Extremely low gate charge
01-Dec-2015
STB28N60M2 STMICROELECTRONICS-STB28N60M2 Datasheet
1Mb / 21P
Extremely low gate charge
14-Mar-2017
STD7N60M2 STMICROELECTRONICS-STD7N60M2 Datasheet
1Mb / 21P
Extremely low gate charge
June 2013 Rev 1
STD11N65M2 STMICROELECTRONICS-STD11N65M2 Datasheet
1Mb / 21P
Extremely low gate charge
16-May-2014
STF5N60M2 STMICROELECTRONICS-STF5N60M2 Datasheet
743Kb / 13P
Extremely low gate charge
15-Jun-2016
STF7N65M2 STMICROELECTRONICS-STF7N65M2 Datasheet
904Kb / 13P
Extremely low gate charge
07-Aug-2014
STL7N60M2 STMICROELECTRONICS-STL7N60M2 Datasheet
310Kb / 13P
Extremely low gate charge
26-Jan-2015
STL13N65M2 STMICROELECTRONICS-STL13N65M2 Datasheet
642Kb / 16P
Extremely low gate charge
18-Dec-2014
STL19N60M2 STMICROELECTRONICS-STL19N60M2 Datasheet
770Kb / 15P
Extremely low gate charge
27-Jan-2016
STW56N65M2 STMICROELECTRONICS-STW56N65M2 Datasheet
730Kb / 12P
Extremely low gate charge
December 2014 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com