Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3985IM5-2.6 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3985IM5-2.6
Description  Micropower, 150mA Low-Noise Ultra Low-Dropout CMOS Voltage Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3985IM5-2.6 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LP3985IM5-2.6 Datasheet HTML 3Page - National Semiconductor (TI) LP3985IM5-2.6 Datasheet HTML 4Page - National Semiconductor (TI) LP3985IM5-2.6 Datasheet HTML 5Page - National Semiconductor (TI) LP3985IM5-2.6 Datasheet HTML 6Page - National Semiconductor (TI) LP3985IM5-2.6 Datasheet HTML 7Page - National Semiconductor (TI) LP3985IM5-2.6 Datasheet HTML 8Page - National Semiconductor (TI) LP3985IM5-2.6 Datasheet HTML 9Page - National Semiconductor (TI) LP3985IM5-2.6 Datasheet HTML 10Page - National Semiconductor (TI) LP3985IM5-2.6 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Typical Performance Characteristics Unless otherwise specified, C
IN =COUT = 1 µF Ceramic,
C
BYPASS = 0.01 µF, VIN =VOUT + 0.2V, TA = 25˚C, Enable pin is tied to VIN.
Output Voltage Change vs Temperature
Dropout Voltage vs Load Current
10136441
10136433
Ground Current vs Load Current
Ground Current vs V
IN @ 25˚C
10136440
10136435
10136409
FIGURE 2. PSRR Input Test Signal
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com