Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCM1804RGET Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # CDCM1804RGET
Description  1:3 LVPECL CLOCK BUFFER ADDITIONAL LVCMOS OUTPUT AND PROGRAMMABLE DIVIDER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCM1804RGET Datasheet(HTML) 13 Page - Texas Instruments

Back Button CDCM1804RGET Datasheet HTML 9Page - Texas Instruments CDCM1804RGET Datasheet HTML 10Page - Texas Instruments CDCM1804RGET Datasheet HTML 11Page - Texas Instruments CDCM1804RGET Datasheet HTML 12Page - Texas Instruments CDCM1804RGET Datasheet HTML 13Page - Texas Instruments CDCM1804RGET Datasheet HTML 14Page - Texas Instruments CDCM1804RGET Datasheet HTML 15Page - Texas Instruments CDCM1804RGET Datasheet HTML 16Page - Texas Instruments CDCM1804RGET Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
www.ti.com
LVCMOS
10 pF
Y3
CDCM1804
1 k
Ω
1 k
Ω
S0079-02
PCB DESIGN FOR THERMAL FUNCTIONALITY
CDCM1804
SCAS697E – JULY 2003 – REVISED MAY 2005
PARAMETER MEASUREMENT INFORMATION (continued)
Figure 10. LVCMOS Output Loading During Device Test
It is recommended to take special care of the PCB design for good thermal flow from the QFN-24 terminal
package to the PCB.
Due to the three LVPECL outputs, the current consumption of the CDCM1804 is fixed.
JEDEC JESD51-7 specifies thermal conductivity for standard PCB boards.
Modeling the CDCM1804 with a standard 4-layer JEDEC board results in a 67.22
°C maximum temperature with
RθJA of 106.62°C/W for 25°C ambient temperature.
When deploying four thermal vias (one per quadrant), the thermal flow improves significantly, yielding 46.94
°C
maximum temperature with RθJA of 55.4°C/W for 25°C ambient temperature.
To ensure sufficient thermal flow, it is recommended to design with four thermal vias in applications enabling all
four outputs at once.
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com