Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA170EA/250 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # INA170EA/250
Description  High-Side, Bidirectional CURRENT SHUNT MONITOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA170EA/250 Datasheet(HTML) 4 Page - Texas Instruments

  INA170EA/250 Datasheet HTML 1Page - Texas Instruments INA170EA/250 Datasheet HTML 2Page - Texas Instruments INA170EA/250 Datasheet HTML 3Page - Texas Instruments INA170EA/250 Datasheet HTML 4Page - Texas Instruments INA170EA/250 Datasheet HTML 5Page - Texas Instruments INA170EA/250 Datasheet HTML 6Page - Texas Instruments INA170EA/250 Datasheet HTML 7Page - Texas Instruments INA170EA/250 Datasheet HTML 8Page - Texas Instruments INA170EA/250 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
INA170
4
SBOS193D
www.ti.com
TYPICAL CHARACTERISTICS
At TA = +25°C, V+ = 5V, VIN
+ = 12V, R
L = 25kΩ, unless otherwise noted.
40
30
20
10
0
–10
–20
100
1k
10k
100k
1M
10M
Frequency (Hz)
GAIN vs FREQUENCY
R
L = 10kΩ
R
L = 100kΩ
R
L = 1kΩ
120
100
80
60
40
20
0
0.1
1
10
100
1k
10k
Frequency (Hz)
100k
G = 1
G = 10
G = 100
COMMON-MODE REJECTION vs FREQUENCY
140
120
100
80
60
40
20
1
10
100
1k
10k
100k
Frequency (Hz)
POWER-SUPPLY REJECTION vs FREQUENCY
G = 1
G = 10
G = 100
5
0
–5
–10
–15
0
25
50
75
100
125
V
IN (mV)
TOTAL OUTPUT ERROR vs V
IN
150
200
–55
°C
+25
°C
+150
°C
V
IN = (VIN – VIN)
+
–
2
1
0
–1
–2
0
10
20
30
40
Power-Supply Voltage (V)
TOTAL OUTPUT ERROR
vs POWER-SUPPLY VOLTAGE
G = 1
G = 10
G = 25
Output error is essentially
independent of both
V+ supply voltage and
input common-mode voltage.
100
80
60
40
20
0
0
10
20
30
40
Power-Supply Voltage (V)
QUIESCENT CURRENT
vs POWER-SUPPLY VOLTAGE
+150
°
+125
°
+25
°
–55
°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com