Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9641AC32 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9641AC32
Description  TRIPLE LINEAR REGULATOR CONTROLLER SUPPORT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9641AC32 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9641AC32 Datasheet HTML 1Page - Richtek Technology Corporation RT9641AC32 Datasheet HTML 2Page - Richtek Technology Corporation RT9641AC32 Datasheet HTML 3Page - Richtek Technology Corporation RT9641AC32 Datasheet HTML 4Page - Richtek Technology Corporation RT9641AC32 Datasheet HTML 5Page - Richtek Technology Corporation RT9641AC32 Datasheet HTML 6Page - Richtek Technology Corporation RT9641AC32 Datasheet HTML 7Page - Richtek Technology Corporation RT9641AC32 Datasheet HTML 8Page - Richtek Technology Corporation RT9641AC32 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
RT9641A/B
DS9641A/B-03 March 2002
www.richtek-ic.com.tw
1
Triple Linear Regulator Controller Support
ACPI Control Interface
General Description
The RT9641A/B, paired with either the RT9230 or
RT9231 simplifies the implementation of ACPI-
compliant designs in microprocessor and computer
applications. The IC integrates two linear controllers
and a low-current pass transistor, as well as the
monitoring and control functions into a 16-pin SOIC
package. One linear controller generates the
3.3VDUAL voltage plane from an ATX power supply's
5VSB output during sleep states (S3,S4/S5),
powering the PCI slots through an external pass
transistor, as instructed by the status of the 3.3VDUAL
enable pin. An additional pass transistor is used to
switch in the ATX 3.3V output for PCI operation
during S0 and S1 (active) operating states. The
second linear controller supplies the computer
system's 2.5V/3.3V memory power through an
external pass transistor in active states. During S3
state, an integrated pass transistor supplies the
2.5V/3.3V sleep-state power. A third controller
powers up a 5VDUAL plane by switching in the ATX
5V output in active states, or the ATX 5VSB in sleep
states.
The RT9641A/B's operating mode (active-state
outputs or sleep-state outputs) is selectable through
two control pins: S3 and S5. Further control of the
logic governing activation of different power modes is
offered through two enabling pins: EN3VDL and
EN5VDL. In active states, the 3.3VDUAL linear
regulator uses an external N-channel pass MOSFET
to connect the output (VOUT1) directly to the 3.3V
input supplied by an ATX (or equivalent) power
supply, while incurring minimal losses. In sleep state,
the 3.3VDUAL output is supplied from the ATX 5VSB
through a NPN transistor, also external to the
controller. Active state power delivery for the
2.5V/3.3V or 2.6V/3.43V VMEM output is done
through an external NPN or a NMOS transistor. In
sleep states, conduction on this output is transferred
to an internal pass transistor. The 5VDUAL output is
powered through two external MOS transistors. In
sleep states, a PMOS (or PNP) transistor conducts
the current from the ATX 5VSB output, while in active
states, current flow is transferred to a NMOS
transistor connected to the ATX 5V output. Similar to
the 3.3VDUAL output, the operation of the 5VDUAL
output is dictated not only by the status of the S3 and
S5 pins, but that of the EN5VDL pin as well.
Features
Provides 3 ACPI-Controlled Voltages
− 5V Active/Sleep(5VDUAL)
3.3V Active/Sleep(3.3VDUAL)
− 2.5V/3.3V Active/Sleep(VMEM) with RT9641A
− 2.6V/3.43V Active and 2.5V/3.3V Sleep(VMEM)
with RT9641B
Simple Control Design
− No Compensation Required
Excellent Output Voltage Accuracy
− 3.3VDUALOutput:
:
:
:
±±±±2.0%;
;
;
;
Sleep States Only
− 2.5V/3.3V (2.6V/3.43V) Output:
:
:
:
±±±±2.0%;
;
;
;
Both Operational States
Fixed Output Voltages Require No Precision
External Resistors
Small Size
− Small External Component Count
Selectable 2.5V/3.3V (2.6/3.43) VMEM Output
Voltage via FAULT/MSEL Pin
− 2.5V/2.6V for RDRAM Memory
− 3.3V/3.43V for SDRAM Memory
Under-voltage Monitoring of All Outputs with
Centralized FAULT Reporting
Adjustable Soft-start Function Eliminates 5VSB
Perturbations


Similar Part No. - RT9641AC32

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9641A RICHTEK-RT9641A Datasheet
231Kb / 11P
Triple Linear Regulator Controller Support ACPI Control Interface
RT9641AGS RICHTEK-RT9641AGS Datasheet
231Kb / 11P
Triple Linear Regulator Controller Support ACPI Control Interface
RT9641APS RICHTEK-RT9641APS Datasheet
231Kb / 11P
Triple Linear Regulator Controller Support ACPI Control Interface
RT9641A RICHTEK-RT9641A_07 Datasheet
231Kb / 11P
Triple Linear Regulator Controller Support ACPI Control Interface
More results

Similar Description - RT9641AC32

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1704 LINER-LTC1704 Datasheet
343Kb / 28P
550kHz Synchronous Switching Regulator Controller Plus Linear Regulator Controller
logo
Intersil Corporation
HIP6521 INTERSIL-HIP6521 Datasheet
156Kb / 13P
PWM and Triple Linear Power Controller
logo
Richtek Technology Corp...
RT9174 RICHTEK-RT9174 Datasheet
170Kb / 8P
Triple Linear Regulator Controllers
logo
Intersil Corporation
HIP6521 INTERSIL-HIP6521_06 Datasheet
354Kb / 13P
PWM and Triple Linear Power Controller
October 16, 2006
logo
Richtek Technology Corp...
RT9174 RICHTEK-RT9174_07 Datasheet
106Kb / 7P
Triple Linear Regulator Controllers
RT9641A RICHTEK-RT9641A_07 Datasheet
231Kb / 11P
Triple Linear Regulator Controller Support ACPI Control Interface
RT9174 RICHTEK-RT9174_11 Datasheet
115Kb / 7P
Triple Linear Regulator Controllers
logo
ELMOS Semiconductor AG
E522.80 ELMOS-E522.80 Datasheet
287Kb / 2P
Triple 150mA Linear LED Controller
logo
Renesas Technology Corp
HIP6521 RENESAS-HIP6521 Datasheet
643Kb / 13P
PWM and Triple Linear Power Controller
logo
ELMOS Semiconductor AG
E522.90 ELMOS-E522.90 Datasheet
168Kb / 2P
Triple 55mA Linear LED Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com