Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9641BCS2 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT9641BCS2
Description  TRIPLE LINEAR REGULATOR CONTROLLER SUPPORT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9641BCS2 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9641BCS2 Datasheet HTML 1Page - Richtek Technology Corporation RT9641BCS2 Datasheet HTML 2Page - Richtek Technology Corporation RT9641BCS2 Datasheet HTML 3Page - Richtek Technology Corporation RT9641BCS2 Datasheet HTML 4Page - Richtek Technology Corporation RT9641BCS2 Datasheet HTML 5Page - Richtek Technology Corporation RT9641BCS2 Datasheet HTML 6Page - Richtek Technology Corporation RT9641BCS2 Datasheet HTML 7Page - Richtek Technology Corporation RT9641BCS2 Datasheet HTML 8Page - Richtek Technology Corporation RT9641BCS2 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
RT9641A/B
www.richtek-ic.com.tw
DS9641A/B-03 March 2002
2
Ordering Information
RT9641A/B
Function Block Diagram
Pin Configurations
Part Number
Pin Configurations
RT9641ACS2
(Plastic SOP-16)
RT9641BCS2
(Plastic SOP-16)
TOP VIEW
Operating temperature range
C: Commercial standard
Package type
S2 : SOP-16
VMEM voltage
A : 2.5V/3.3V
B : 2.6V/3.43V
MONITOR AND CONTROL
TEMPERATURE
MONITOR
(TMON)
UV
DETECTOR
_
+
1.265V
5VSB POR
TO
UV DEECTOR
EA2
TO 12V
EA4
12V BIAS
12V MONITOR
10.5V/9.5V
_
+
3.75V
_
+
40µA
0.2V
MEM VOLTAGE
SELECT COMP
UA COMPARTOR
5µA
DLA
5VDLSB
DRV2
VSEN2
GND
EN5VDL
SS
5VDL
12V
3V3DLSB
5VSB
3V3DL
EN3VDL
S3 S5
_
1
2
3
4
5
6
7
5VSB
EN3VDL
3V3DLSB
3V3DL
EN5VDL
S3
S5
VSEN2
DRV2
12V
SS
5VDL
5VDLSB
DLA
16
15
14
13
12
11
10
8
GND
FAULT/MSEL
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com