Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA231AIYFFT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # INA231AIYFFT
Description  High- or Low-Side Measurement, Bidirectional CURRENT/POWER MONITOR with 1.8-V I2C Interface
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA231AIYFFT Datasheet(HTML) 1 Page - Texas Instruments

  INA231AIYFFT Datasheet HTML 1Page - Texas Instruments INA231AIYFFT Datasheet HTML 2Page - Texas Instruments INA231AIYFFT Datasheet HTML 3Page - Texas Instruments INA231AIYFFT Datasheet HTML 4Page - Texas Instruments INA231AIYFFT Datasheet HTML 5Page - Texas Instruments INA231AIYFFT Datasheet HTML 6Page - Texas Instruments INA231AIYFFT Datasheet HTML 7Page - Texas Instruments INA231AIYFFT Datasheet HTML 8Page - Texas Instruments INA231AIYFFT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
´
Power Register
Current Register
I C
2
Interface
Voltage Register
INA231
GND
BUS
ADC
V
I
A0
A1
ALERT
SDA
SCL
C
0.1 F
BYPASS
m
High-
Side
Shunt
Low-
Side
Shunt
Load
Alert Register
V
(Supply Voltage)
S
Power Supply
(0 V to 28 V)
INA231
www.ti.com
SBOS644 – FEBRUARY 2013
High- or Low-Side Measurement,
Bidirectional CURRENT/POWER MONITOR with 1.8-V I2C™ Interface
Check for Samples: INA231
1
FEATURES
DESCRIPTION
The INA231 is a current-shunt and power monitor
23
•
Bus Voltage Sensing From 0 V to +28 V
with a 1.8-V compliant I2C interface that features 16
•
High- or Low-Side Sensing
programmable addresses. The INA231 monitors both
•
Current, Voltage, and Power Reporting
shunt
voltage
drops
and
bus
supply
voltage.
Programmable calibration value, conversion times,
•
High Accuracy:
and averaging combined with an internal multiplier
–
0.5% Gain Error (Max)
enable direct readouts of current in amperes and
–
50-
μV Offset (Max)
power in watts.
•
Configurable Averaging Options
The INA231 senses current on buses that vary from 0
•
Programmable Alert Threshold
V to +28 V, with the device powered from a single
+2.7-V to +5.5-V supply, drawing 330
μA (typical) of
•
1.8-V I2C Compliant
supply current. The INA231 is specified over the
•
Power-Supply Operation: 2.7 V to 5.5 V
operating temperature range of –40°C to +125°C.
•
Package: 1.68-mm × 1.43-mm, WCSP-12
RELATED PRODUCTS
APPLICATIONS
DESCRIPTION
DEVICE
Current and power monitor with watchdog, peak-
•
Smartphones
INA209
hold, and fast comparator functions
•
Tablets
INA210, INA211,
Zerø-drift, low-cost, analog current shunt monitor
INA212, INA213,
•
Servers
series in small package
INA214
•
Computers
Zerø-drift, bidirectional current power monitor with
INA219
two-wire interface
•
Power Management
High or Low-side, bidirectional current and power
•
Battery Chargers
monitor with two-wire interface and programmable
INA226
alert
•
Power Supplies
•
Test Equipment
HIGH-OR LOW-SIDE SENSING
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
I2C is a trademark of NXP Semiconductors.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - INA231AIYFFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA231AIYFFT TI-INA231AIYFFT Datasheet
448Kb / 32P
High- or Low-Side Measurement, Bidirectional CURRENT/POWER MONITOR with 1.8-V I2C??Interface
INA231AIYFFT TI1-INA231AIYFFT Datasheet
1Mb / 44P
High- or Low-Side Measurement, Bidirectional Current and Power Monitor With 1.8-V I2C Interface
INA231AIYFFT TI1-INA231AIYFFT Datasheet
1Mb / 44P
High- or Low-Side Measurement, Bidirectional Current and Power Monitor With 1.8-V I2C Interface
More results

Similar Description - INA231AIYFFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA226 TI1-INA226 Datasheet
447Kb / 30P
High-or Low-Side Measurement, Bi-Directional CURRENT/POWER MONITOR with I2C Interface
JUNE2011
INA231 TI-INA231 Datasheet
448Kb / 32P
High- or Low-Side Measurement, Bidirectional CURRENT/POWER MONITOR with 1.8-V I2C??Interface
INA226AIDGSR TI1-INA226AIDGSR Datasheet
988Kb / 32P
High-or Low-Side Measurement, Bi-Directional CURRENT/POWER MONITOR with I2C??Interface
INA230 TI1-INA230_13 Datasheet
796Kb / 35P
High- or Low-Side Measurement, Bidirectional CURRENT/POWER MONITOR with I2C Interface
INA226AIDGST TI-INA226AIDGST Datasheet
961Kb / 33P
High-or Low-Side Measurement, Bi-Directional CURRENT/POWER MONITOR with I2C Interface
INA230 TI-INA230_15 Datasheet
734Kb / 36P
High- or Low-Side Measurement, Bidirectional CURRENT/POWER MONITOR with I2C??Interface
INA231 TI-INA231_15 Datasheet
955Kb / 36P
High- or Low-Side Measurement,Bidirectional CURRENT/POWER MONITOR with 1.8-V I2C??Interface
INA230 TI1-INA230_17 Datasheet
924Kb / 37P
High- or Low-Side Measurement, Bidirectional CURRENT/POWER MONITOR with I2C Interface
INA231_017 TI1-INA231_017 Datasheet
1Mb / 44P
High- or Low-Side Measurement, Bidirectional Current and Power Monitor With 1.8-V I2C Interface
INA231 TI1-INA231_18 Datasheet
1Mb / 44P
High- or Low-Side Measurement, Bidirectional Current and Power Monitor With 1.8-V I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com