Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5576MH Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LM5576MH
Description  SIMPLE SWITCHER 75 V, 3 A Step-Down Switching Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5576MH Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM5576MH Datasheet HTML 17Page - Texas Instruments LM5576MH Datasheet HTML 18Page - Texas Instruments LM5576MH Datasheet HTML 19Page - Texas Instruments LM5576MH Datasheet HTML 20Page - Texas Instruments LM5576MH Datasheet HTML 21Page - Texas Instruments LM5576MH Datasheet HTML 22Page - Texas Instruments LM5576MH Datasheet HTML 23Page - Texas Instruments LM5576MH Datasheet HTML 24Page - Texas Instruments LM5576MH Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
R2 = 1.225 x
R1
VIN(min) + (5 x 10
-6 x R1) ± 1.225
§
¨
©
21
LM5576, LM5576-Q1
www.ti.com
SNVS447J – JANUARY 2007 – REVISED NOVEMBER 2014
Product Folder Links: LM5576 LM5576-Q1
Submit Documentation Feedback
Copyright © 2007–2014, Texas Instruments Incorporated
For a 5 V output, the R5/R6 ratio calculates to 3.082. The resistors should be chosen from standard value
resistors, a good starting point is selection in the range of 1.0 k
Ω - 10 kΩ. Values of 5.11 kΩ for R5, and 1.65 kΩ
for R6 were selected.
8.2.2.12 R1, R2, C12
A voltage divider can be connected to the SD pin to set a minimum operating voltage VIN(min) for the regulator. If
this feature is required, the easiest approach to select the divider resistor values is to select a value for R1
(between 10 k
Ω and 100 kΩ recommended) then calculate R2 from:
(16)
Capacitor C12 provides filtering for the divider. The voltage at the SD pin should never exceed 8 V, when using
an external set-point divider it may be necessary to clamp the SD pin at high input voltage conditions. The
reference design utilizes the full range of the LM5576 (6V to 75V); therefore these components can be omitted.
With the SD pin open circuit the LM5576 responds once the VCC UVLO threshold is satisfied.
8.2.2.13 R7, C11
A snubber network across the power diode reduces ringing and spikes at the switching node. Excessive ringing
and spikes can cause erratic operation and couple spikes and noise to the output. Voltage spikes beyond the
rating of the LM5576 or the re-circulating diode can damage these devices. Selecting the values for the snubber
is best accomplished through empirical methods. First, make sure the lead lengths for the snubber connections
are very short. For the current levels typical for the LM5576 a resistor value between 5 and 20 Ohms is
adequate. Increasing the value of the snubber capacitor results in more damping but higher losses. Select a
minimum value of C11 that provides adequate damping of the SW pin waveform at high load.
8.2.2.14 R4, C5, C6
These components configure the error amplifier gain characteristics to accomplish a stable overall loop gain. One
advantage of current mode control is the ability to close the loop with only two feedback components, R4 and C5.
The overall loop gain is the product of the modulator gain and the error amplifier gain. The DC modulator gain of
the LM5576 is as follows:
DC Gain(MOD) = Gm(MOD) x RLOAD = 2 x RLOAD
(17)
The dominant low frequency pole of the modulator is determined by the load resistance (RLOAD,) and output
capacitance (COUT). The corner frequency of this pole is:
fp(MOD) = 1 / (2π RLOAD COUT)
(18)
For RLOAD = 5 Ω and COUT = 177 µF then fp(MOD) = 180 Hz
DC Gain(MOD) = 2 x 5 = 10 = 20 dB
For the design example of Figure 18 the following modulator gain vs. frequency characteristic was measured as
shown in Figure 20.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com