Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP3102L Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP3102L
Description  GREEN MODE PWM CONTROLLER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3102L Datasheet(HTML) 3 Page - Diodes Incorporated

  AP3102L Datasheet HTML 1Page - Diodes Incorporated AP3102L Datasheet HTML 2Page - Diodes Incorporated AP3102L Datasheet HTML 3Page - Diodes Incorporated AP3102L Datasheet HTML 4Page - Diodes Incorporated AP3102L Datasheet HTML 5Page - Diodes Incorporated AP3102L Datasheet HTML 6Page - Diodes Incorporated AP3102L Datasheet HTML 7Page - Diodes Incorporated AP3102L Datasheet HTML 8Page - Diodes Incorporated AP3102L Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
AP3102/V/L
Document number: DS37419 Rev.2 - 2
3 of 14
www.diodes.com
July 2014
© Diodes Incorporated
AP3102/V/L
A Product Line of
Diodes Incorporated
Functional Block Diagram
GND
GATE
SENSE
Latch
LEB
Driver
15V
Q
D
CLK
RB
FB
R
2R
0.85V
ADJ
OLP
1.1V
OLP
OTP
VCC
33V
28V
RI
UVLO
16.2V
8.8V
Internal Bias
4.5V
Latch
5V
2mS
Soft Start
25
A
OTP
155oC
BOK
Disable
5K
55k
OSC
VDD
0.5V
0.9V
BOK
BOK
5V
1
A
4V
Disable
OVP
OVP
Protect
Logic
8
4
3
6
1
2
5
7
Latch
Control
Logic
(Note*)
OVP
OLP
Latch
Latch
OVP
Control Logic for
AP3102L
Control Logic for
AP3102V
Control Logic for
AP3102
Note*
Latch
OLP
OVP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com