Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LET16045C Datasheet(PDF) 1 Page - STMicroelectronics

Part # LET16045C
Description  Excellent thermal stability
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LET16045C Datasheet(HTML) 1 Page - STMicroelectronics

  LET16045C Datasheet HTML 1Page - STMicroelectronics LET16045C Datasheet HTML 2Page - STMicroelectronics LET16045C Datasheet HTML 3Page - STMicroelectronics LET16045C Datasheet HTML 4Page - STMicroelectronics LET16045C Datasheet HTML 5Page - STMicroelectronics LET16045C Datasheet HTML 6Page - STMicroelectronics LET16045C Datasheet HTML 7Page - STMicroelectronics LET16045C Datasheet HTML 8Page - STMicroelectronics LET16045C Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
This is information on a product in full production.
April 2014
DocID022224 Rev 3
1/9
LET16045C
RF power transistor from the LdmoST family
of n-channel enhancement-mode lateral MOSFETs
Datasheet
- production data
Figure 1. Pin out
Features
• Excellent thermal stability
• Common source configuration
• POUT (@28 V) = 45 W with 16 dB gain @ 1600
MHz
• BeO free package
• In compliance with the 2002/95/EC European
directive
Description
The LET16045C is a common source N-channel
enhancement-mode lateral field-effect RF power
transistor designed for broadband commercial
and industrial applications at frequencies up to
1.6 GHz. The LET16045C is designed for high
gain and broadband performance operating in
common source mode at 28 V. It is ideal for
INMARSAT satellite communications.
M243
epoxy sealed
1
3
2
1. Drain
2. Gate
3. Source
Table 1. Device summary
Order code
Package
Branding
LET16045C
M243
LET16045C
www.st.com


Similar Part No. - LET16045C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LET16060C STMICROELECTRONICS-LET16060C Datasheet
280Kb / 9P
Excellent thermal stability
April 2014 Rev 3
More results

Similar Description - LET16045C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LET9180 STMICROELECTRONICS-LET9180 Datasheet
314Kb / 10P
Excellent thermal stability
29-May-2013
STAC150V2-350E STMICROELECTRONICS-STAC150V2-350E Datasheet
521Kb / 12P
Excellent thermal stability
24-Jan-2013
LET9070CB STMICROELECTRONICS-LET9070CB Datasheet
725Kb / 14P
Excellent thermal stability
July 2013 Rev 2
LET16060C STMICROELECTRONICS-LET16060C Datasheet
280Kb / 9P
Excellent thermal stability
April 2014 Rev 3
PD84006-E STMICROELECTRONICS-PD84006-E Datasheet
214Kb / 11P
Excellent thermal stability
23-May-2012
STAC2942F STMICROELECTRONICS-STAC2942F Datasheet
533Kb / 16P
Excellent thermal stability
25-Oct-2011
STAC2943 STMICROELECTRONICS-STAC2943 Datasheet
350Kb / 12P
Excellent thermal stability
16-Jan-2012
STAC3933 STMICROELECTRONICS-STAC3933 Datasheet
290Kb / 14P
Excellent thermal stability
17-Jan-2012
STAC4932B STMICROELECTRONICS-STAC4932B Datasheet
508Kb / 13P
Excellent thermal stability
27-Jan-2014
STAC4932F STMICROELECTRONICS-STAC4932F Datasheet
330Kb / 12P
Excellent thermal stability
02-Sep-2010
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com