Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC2200 Datasheet(PDF) 206 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 206 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 202Page - National Semiconductor (TI) SC2200 Datasheet HTML 203Page - National Semiconductor (TI) SC2200 Datasheet HTML 204Page - National Semiconductor (TI) SC2200 Datasheet HTML 205Page - National Semiconductor (TI) SC2200 Datasheet HTML 206Page - National Semiconductor (TI) SC2200 Datasheet HTML 207Page - National Semiconductor (TI) SC2200 Datasheet HTML 208Page - National Semiconductor (TI) SC2200 Datasheet HTML 209Page - National Semiconductor (TI) SC2200 Datasheet HTML 210Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 433 page
background image
www.national.com
206
Revision 3.0
Core Logic Module (Continued)
1
ROM Write Enable. When asserted, enables writes to ROM space, allowing Flash programming.
If strapped for ISA and this bit is set to 1, writes to the configured ROM space asserts ROMCS#, enabling the write cycle to
the Flash device on the ISA bus. Otherwise, ROMCS# is inhibited for writes.
If strapped for LPC and this bit is set to 1, the cycle runs on the LPC bus. Otherwise, the LPC bus cycle is inhibited for
writes.
Refer to F0BAR1+I/O Offset 10h[15] for further strapping/programming details.
0
Lower ROM Size. Selects lower ROM addressing size in which ROMCS# goes active.
0: Lower ROM access are 000F0000h-000FFFFFh (64 KB). (Default)
1: Lower ROM accesses are 000E0000h-000FFFFFh (128 KB).
ROMCS# goes active for the above ranges whether strapped for ISA or LPC. (Refer to F0BAR1+I/O Offset 10h[15] for fur-
ther strapping/programming details.)
The selected range can then be either positively or subtractively decoded through F0 Index 5Bh[5].
Index 53h
Alternate CPU Support Register (R/W)
Reset Value: 00h
7:6
Reserved. Must be set to 0.
5
Bidirectional SMI Enable.
0: Disable.
1: Enable.
This bit must be set to 0.
4:3
Reserved. Must be set to 0.
2
Reserved. Must be set to 0.
1
IRQ13 Function Selection. Selects function of the internal IRQ13/FERR# signal.
0: FERR#.
1: IRQ13.
This bit must be set to 1.
0
Generate SMI on A20M# Toggle.
0: Disable.
1: Enable.
This bit must be set to 1.
SMI status is reported at F1BAR0+I/O Offset 00h/02h[7].
Index 54h-59h
Reserved
Reset Value: 00h
Index 5Ah
Decode Control Register 1 (R/W)
Reset Value: 01h
Indicates PCI positive or negative decoding for various I/O ports on the ISA bus.
Note:
Positive decoding by the Core Logic module speeds up I/O cycle time. The I/O ports mentioned in the bit descriptions below, do
not exist in the Core Logic module. It is assumed that if positive decode is enabled for a port, the port exists on the ISA bus.
7
Secondary Floppy Positive Decode. Selects PCI positive or subtractive decoding for accesses to I/O ports 372h-375h and
377h.
0: Subtractive.
1: Positive.
6
Primary Floppy Positive Decode. Selects PCI positive or subtractive decoding for accesses to I/O ports 3F2h-3F5h and
3F7h.
0: Subtractive.
1: Positive.
5
COM4 Positive Decode. Selects PCI positive or subtractive decoding for accesses to I/O ports 2E8h-2EFh.
0: Subtractive.
1: Positive.
4
COM3 Positive Decode. Selects PCI positive or subtractive decoding for accesses to I/O ports 3E8h-3EFh.
0: Subtractive.
1: Positive.
Table 5-29. F0: PCI Header and Bridge Configuration Registers for GPIO and LPC Support (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com