Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC2200 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 6Page - National Semiconductor (TI) SC2200 Datasheet HTML 7Page - National Semiconductor (TI) SC2200 Datasheet HTML 8Page - National Semiconductor (TI) SC2200 Datasheet HTML 9Page - National Semiconductor (TI) SC2200 Datasheet HTML 10Page - National Semiconductor (TI) SC2200 Datasheet HTML 11Page - National Semiconductor (TI) SC2200 Datasheet HTML 12Page - National Semiconductor (TI) SC2200 Datasheet HTML 13Page - National Semiconductor (TI) SC2200 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 433 page
background image
www.national.com
10
Revision 3.0
1.0
Architecture Overview
As illustrated in Figure 1-1, the SC2200 contains the follow-
ing modules in one integrated device:
• GX1 Module:
— Combines advanced CPU performance with MMX
support, fully accelerated 2D graphics, a 64-bit
synchronous DRAM (SDRAM) interface and a PCI
bus controller. Integrates GX1 silicon revision 8.1.1.
• Video Processor Module:
— A low-power CRT and TFT support module with a
video input port, and a hardware video accelerator
for scaling, filtering and color space conversion.
• Core Logic Module:
— Includes PC/AT functionality, an IDE interface, a
Universal Serial Bus (USB) interface, ACPI 1.0
compliant power management, and an audio codec
interface.
• SuperI/O Module:
— Includes two Serial Ports, an Infrared (IR) Port, a
Parallel Port, two ACCESS.bus interfaces, and a
Real-Time Clock (RTC).
Figure 1-1. SC2200 Block Diagram
CPU
GX1
Memory Controller
Core
Display
Controller
2D Graphics
Accelerator
PCI Bus
Controller
Video
Scaling
Video Processor
CRT I/F
TFT I/F
Video
Mixer
Clock & Reset Logic
Config.
Fast-PCI Bus
Video Input Port (VIP)
IDE I/F
Fast X-Bus
PIT
DMAC
Pwr Mgmnt
Configuration
ISA Bus I/F
PIC
USB
GPIO
PCI/Sub-ISA
Audio Codec I/F
LPC I/F
ISA Bus
Block
Bus I/F
I/F
Parallel
Port
ACB1
I/F
ACB2
I/F
UART1
UART2
UART3
&IR
Bridge
RTC
Core Logic
SuperI/O
Host Interface
X-Bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com