Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC2200 Datasheet(PDF) 230 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 230 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 226Page - National Semiconductor (TI) SC2200 Datasheet HTML 227Page - National Semiconductor (TI) SC2200 Datasheet HTML 228Page - National Semiconductor (TI) SC2200 Datasheet HTML 229Page - National Semiconductor (TI) SC2200 Datasheet HTML 230Page - National Semiconductor (TI) SC2200 Datasheet HTML 231Page - National Semiconductor (TI) SC2200 Datasheet HTML 232Page - National Semiconductor (TI) SC2200 Datasheet HTML 233Page - National Semiconductor (TI) SC2200 Datasheet HTML 234Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 230 / 433 page
background image
www.national.com
230
Revision 3.0
Core Logic Module (Continued)
Index F7h
Second Level PME/SMI Status Register 4 (RC)
Reset Value: 00h
The bits in this register contain second level status reporting. Top level status is reported in F1BAR0+I/O Offset 00h/02h[0].
Reading this register clears the status at both the second and top levels except for bit 7 which has a third level of status reporting at
F0BAR0+I/O 0Ch/1Ch.
A read-only “Mirror” version of this register exists at F0 Index 87h. If the value of the register must be read without clearing the SMI
source (and consequently deasserting SMI), F0 Index 87h can be read instead.
7
GPIO Event SMI Status (Read Only, Read does not Clear). Indicates whether or not an SMI was caused by a transition of
any of the GPIOs (GPIO47-GPIO32 and GPIO15-GPIO0).
0: No.
1: Yes.
To enable SMI generation, set F1BAR1+I/O Offset 0Ch[0] = 0.
F0BAR0+I/O Offset 08h/18h selects which GPIOs are enabled to generate a PME and setting F1BAR1+I/O Offset 0Ch[0] =
0 enables the PME to generate an SMI. In addition, the selected GPIO must be enabled as an input (F0BAR0+I/O Offset
20h and 24h).
The next level (third level) of SMI status is at F0BAR0+I/O 0Ch/1Ch.
6
Thermal Override SMI Status. Indicates whether or not an SMI was caused by an assertion of the THRM#.
0: No.
1: Yes.
To enable SMI generation set F0 Index 83h[4] = 1.
5:4
Reserved. Read as 0.
3
SIO PWUREQ SMI Status. Indicates whether or not an SMI was caused by a power-up event from the SIO.
0: No.
1: Yes.
A power-up event is defined as any of the following events/activities:
—RI2#
—SDATA_IN2
— IRRX1 (CEIR)
To enable SMI generation, set F1BAR1+I/O Offset 0Ch[0] = 0.
2
Codec SDATA_IN SMI Status. Indicates whether or not an SMI was caused by AC97 Codec producing a positive edge on
SDATA_IN.
0: No.
1: Yes.
To enable SMI generation, set F0 Index 80h[5] = 1.
1
RTC Alarm (IRQ8#) SMI Status. Indicates whether or not an SMI was caused by an RTC interrupt.
0: No.
1: Yes.
This SMI event can only occur while in 3V Suspend and an RTC interrupt occurs and F1BAR1+I/O Offset 0Ch[0] = 0.
0
ACPI Timer SMI Status. Indicates whether or not an SMI was caused by an ACPI Timer (F1BAR0+I/O Offset 1Ch or
F1BAR1+I/O Offset 1Ch) MSB toggle.
0: No.
1: Yes.
To enable SMI generation, set F0 Index 83h[5] = 1.
Index F8h-FFh
Reserved
Reset Value: 00h
Table 5-29. F0: PCI Header and Bridge Configuration Registers for GPIO and LPC Support (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com