Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC2200 Datasheet(PDF) 266 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 266 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 262Page - National Semiconductor (TI) SC2200 Datasheet HTML 263Page - National Semiconductor (TI) SC2200 Datasheet HTML 264Page - National Semiconductor (TI) SC2200 Datasheet HTML 265Page - National Semiconductor (TI) SC2200 Datasheet HTML 266Page - National Semiconductor (TI) SC2200 Datasheet HTML 267Page - National Semiconductor (TI) SC2200 Datasheet HTML 268Page - National Semiconductor (TI) SC2200 Datasheet HTML 269Page - National Semiconductor (TI) SC2200 Datasheet HTML 270Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 266 / 433 page
background image
www.national.com
266
Revision 3.0
Core Logic Module (Continued)
5.4.3.1
IDE Controller Support Registers
F2 Index 20h, Base Address Register 4 (F2BAR4), points
to the base address of where the registers for IDE control-
ler configuration are located. Table 5-36 gives the bit for-
mats of the I/O mapped IDE Controller Configuration
registers that are accessed through F2BAR4.
Table 5-36. F2BAR4+I/O Offset: IDE Controller Configuration Registers
Bit
Description
Offset 00h
IDE Bus Master 0 Command Register — Primary (R/W)
Reset Value: 00h
7:4
Reserved. Must be set to 0. Must return 0 on reads.
3
Read or Write Control. Sets the direction of bus master transfers.
0: PCI reads performed.
1: PCI writes performed.
This bit should not be changed when the bus master is active.
2:1
Reserved. Must be set to 0. Must return 0 on reads.
0
Bus Master Control. Controls the state of the bus master.
0: Disable master.
1: Enable master.
Bus master operations can be halted by setting this bit to 0. Once an operation has been halted, it cannot be resumed. If this
bit is set to 0 while a bus master operation is active, the command is aborted and the data transferred from the drive is dis-
carded. This bit should be reset after completion of data transfer.
Offset 01h
Not Used
Offset 02h
IDE Bus Master 0 Status Register — Primary (R/W)
Reset Value: 00h
7
Simplex Mode. (Read Only) Indicates if both the primary and secondary channel operate independently.
0: Yes.
1: No (simplex mode).
6
Drive 1 DMA Enable. When asserted, allows Drive 1 to perform DMA transfers.
0: Disable.
1: Enable.
5
Drive 0 DMA Enable. When asserted, allows Drive 0 to perform DMA transfers.
0: Disable.
1: Enable.
4:3
Reserved. Must be set to 0. Must return 0 on reads.
2
Bus Master Interrupt. Indicates if the bus master detected an interrupt.
0: No.
1: Yes. Write 1 to clear.
1
Bus Master Error. Indicates if the bus master detected an error during data transfer.
0: No.
1: Yes. Write 1 to clear.
0
Bus Master Active. Indicates if the bus master is active.
0: No.
1: Yes.
Offset 03h
Not Used
Offset 04h-07h
IDE Bus Master 0 PRD Table Address — Primary (R/W)
Reset Value: 00000000h
31:2
Pointer to the Physical Region Descriptor Table. This bit field contains a PRD table pointer for IDE Bus Master 0.
When written, this field points to the first entry in a PRD table. Once IDE Bus Master 0 is enabled (Command Register bit 0
= 1), it loads the pointer and updates this field (by adding 08h) so that is points to the next PRD.
When read, this register points to the next PRD.
1:0
Reserved. Must be set to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com