Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC2200 Datasheet(PDF) 123 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 123 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 119Page - National Semiconductor (TI) SC2200 Datasheet HTML 120Page - National Semiconductor (TI) SC2200 Datasheet HTML 121Page - National Semiconductor (TI) SC2200 Datasheet HTML 122Page - National Semiconductor (TI) SC2200 Datasheet HTML 123Page - National Semiconductor (TI) SC2200 Datasheet HTML 124Page - National Semiconductor (TI) SC2200 Datasheet HTML 125Page - National Semiconductor (TI) SC2200 Datasheet HTML 126Page - National Semiconductor (TI) SC2200 Datasheet HTML 127Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 433 page
background image
Revision 3.0
123
www.national.com
SuperI/O Module (Continued)
Index Programmable
Month Alarm Register - MONA (R/W)
Reset Type: VPP PUR
7:0
Month Alarm Data. Values may be 01 to 12 in BCD format or 01 to 0C in Binary format.
When bits 7 and 6 are both set to one (“11”), unconditional match is selected. (Default)
Index Programmable
Century Register - CEN (R/W)
Reset Type: VPP PUR
7:0
Century Data. Values may be00to99 inBCD format or00 to 63in Binaryformat.
Table 4-20. RTC Registers (Continued)
Bit
Description
Table 4-21. Divider Chain Control / Test Selection
DV2
DV1
DV0
Configuration
CRA6
CRA5
CRA4
0
0
X
Oscillator Disabled
0
1
0
Normal Operation
01
1
Test
10
X
1
1
X
Divider Chain Reset
Table 4-22. Periodic Interrupt Rate Encoding
Rate Select
32 10
Periodic Interrupt
Rate (msec)
Divider
Chain Output
00 00
No interrupts
0 0 0 1
3.906250
7
0 0 1 0
7.812500
8
0 0 1 1
0.122070
2
0 1 0 0
0.244141
3
0 1 0 1
0.488281
4
0 1 1 0
0.976562
5
0 1 1 1
1.953125
6
1 0 0 0
3.906250
7
1 0 0 1
7.812500
8
1 0 1 0
15.625000
9
1 0 1 1
31.250000
10
1 1 0 0
62.500000
11
1 1 0 1
125.000000
12
1 1 1 0
250.000000
13
1 1 1 1
500.000000
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com