Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC8164 Datasheet(PDF) 13 Page - Vitesse Semiconductor Corporation

Part # SC8164
Description  2.488 Gbit/sec to 2.7Gbit/sec 1:16 SONET/SDH Demux
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

SC8164 Datasheet(HTML) 13 Page - Vitesse Semiconductor Corporation

Back Button SC8164 Datasheet HTML 8Page - Vitesse Semiconductor Corporation SC8164 Datasheet HTML 9Page - Vitesse Semiconductor Corporation SC8164 Datasheet HTML 10Page - Vitesse Semiconductor Corporation SC8164 Datasheet HTML 11Page - Vitesse Semiconductor Corporation SC8164 Datasheet HTML 12Page - Vitesse Semiconductor Corporation SC8164 Datasheet HTML 13Page - Vitesse Semiconductor Corporation SC8164 Datasheet HTML 14Page - Vitesse Semiconductor Corporation SC8164 Datasheet HTML 15Page - Vitesse Semiconductor Corporation SC8164 Datasheet HTML 16Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Preliminary Datasheet
VSC8164
2.488 Gbit/sec to 2.7Gbit/sec
1:16 SONET/SDH Demux
Page 13
 VITESSE SEMICONDUCTOR CORPORATION
G52239-0, Rev. 3.3
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
5/17/00
Package Thermal Considerations
This package has been enhanced with a copper heat slug to provide a low thermal resistance path from the
die to the exposed surface of the heat spreader. The thermal resistance is shown in the following table
Table 4: Thermal Resistance
Thermal Resistance with Airflow
Shown in the table below is the thermal resistance with airflow. This thermal resistance value reflects all the
thermal paths including through the leads in an environment where the leads are exposed. The temperature dif-
ference between the ambient airflow temperature and the case temperature should be the worst case power of
the device multiplied by the thermal resistance.
Table 5: Thermal Resistance with Airflow
Maximum Ambient Temperature without Heatsink
The worst case ambient temperature without use of a heatsink is given by the equation:
where:
θ
CA Theta case to ambient at appropriate airflow
Τ
A(MAX) Ambient Air temperature
Τ
C(MAX) Case temperature (85
oC for VSC8164)
P(MAX) Power (1.1 W for VSC8164)
Symbol
Description
°C/W
θjc
Thermal resistance from
junction to case.
1.34
θca
Thermal resistance from case to
ambient with no airflow,
including conduction through
the leads.
25.0
Airflow
θ
ca (
oC/W)
100 lfpm
21
200 lfpm
18
400 lfpm
16
600 lfpm
14.5
T
AMAX
()
T
CMAX
()
P
–
MAX
()θCA
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com