Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STAC4932F Datasheet(PDF) 4 Page - STMicroelectronics

Part # STAC4932F
Description  Excellent thermal stability
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STAC4932F Datasheet(HTML) 4 Page - STMicroelectronics

  STAC4932F Datasheet HTML 1Page - STMicroelectronics STAC4932F Datasheet HTML 2Page - STMicroelectronics STAC4932F Datasheet HTML 3Page - STMicroelectronics STAC4932F Datasheet HTML 4Page - STMicroelectronics STAC4932F Datasheet HTML 5Page - STMicroelectronics STAC4932F Datasheet HTML 6Page - STMicroelectronics STAC4932F Datasheet HTML 7Page - STMicroelectronics STAC4932F Datasheet HTML 8Page - STMicroelectronics STAC4932F Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Electrical characteristics
STAC4932F
4/12
Doc ID 17158 Rev 3
2
Electrical characteristics
TCASE = +25 °C
2.1
Static
2.2
Dynamic
Table 4.
Static (per side)
Symbol
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
(1)
1.
TJ = 150 °C
VGS = 0 V
IDS = 100 mA
200
250
V
IDSS
VGS = 0 V
VDS = 100 V
1
mA
IGSS
VGS = 20 V
VDS = 0 V
250
nA
VTH
ID = 250 mA
2.0
4.0
V
VDS(ON)
VGS = 10 V
ID = 10 A
3.6
V
GFS
VDS = 10 V
ID = 2.5 A
6
S
CISS
VGS = 0 V
VDS = 100 V
f = 1 MHz
570
pF
COSS
VGS = 0 V
VDS = 100 V
f = 1 MHz
134
pF
CRSS
VGS = 0 V
VDS = 100 V
f = 1 MHz
8
pF
Table 5.
Pulse / 1 mec - 10 %
Symbol
Test conditions
Min.
Typ.
Max.
Unit
POUT
VDD = 100 V, IDQ = 2 x 250 mA, f = 123 MHz
1000
1200
-
W
hD
VDD = 100 V, IDQ = 2 x 250 mA, POUT = 1000 W,
f = 123 MHz
60
-
%
Gain
VDD = 100 V, IDQ = 2 x 250 mA, POUT = 1000 W,
f = 123 MHz
26
-
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com