Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF4 Datasheet(PDF) 3 Page - Nais(Matsushita Electric Works)

Part # SF4
Description  POLARISED, MONOSTABLE SAFETY RELAY with (mechanical linked) forced contacts operation
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

SF4 Datasheet(HTML) 3 Page - Nais(Matsushita Electric Works)

  SF4 Datasheet HTML 1Page - Nais(Matsushita Electric Works) SF4 Datasheet HTML 2Page - Nais(Matsushita Electric Works) SF4 Datasheet HTML 3Page - Nais(Matsushita Electric Works) SF4 Datasheet HTML 4Page - Nais(Matsushita Electric Works) SF4 Datasheet HTML 5Page - Nais(Matsushita Electric Works) SF4 Datasheet HTML 6Page - Nais(Matsushita Electric Works) SF4 Datasheet HTML 7Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
260
SF
1. Operate/release time
2. Coil temperature rise
Coil applied voltage: 120%V
Contact switching current: 6A
3. Ambient temperature characteristics
Tested sample: SF4-DC12V
Quantity: n = 6
10
20
30
0
40
50
60
30
50
70
Ambient temperature,
°C
Inside the coil
Contact
-40 -20
0
20 40
60
80
-50
100
50
-100
Ambient
temperature,
°C
Pick-up
voltage
Drop-out
voltage
3) SF4
1
13
5
2
14
6
15
7
16
8
9
17
10
18
11
19
12
20
2.54
.100
2.54
.100
18-1.4 DIA. HOLES
18-.055 DIA. HOLES
General tolerance:
±0.3 ±.012
PC board pattern (Bottom view)
Schematic (Bottom view)
Tolerance:
±0.1 ±.004
12.7
.500
53.3
±0.3
2.098
±.012
12.7
.500
12.7
.500
5.08
.200
6
5
18
17
20
19
8
7
10
9
14
13
16
15
1
2
12
11
16
±0.3
.630
±.012
12.7
.500
7.62
.300
7.62
.300
3.5
±0.3
.138
±.012
0.3
.012
33
±0.3
1.299
±.012
7.62
.300
REFERENCE DATA
10
20
30
0
40
50
80
100
90
120
110
Min.
Max.
Operate time
Release time
Min.
Max.
x
x
Coil applied voltage, %V
2) SF3
12.7
.500
53.3
±0.3
2.098
±.012
12.7
.500
12.7
.500
5.08
.200
6
58
7
10
9
1
2
12
11
16
±0.3
.630
±.012
12.7
.500
3.5
±0.3
.138
±.012
0.5
.020
25.0
.984
7.62
.300
5678
9
101112
1
2
2.54
.100
2.54
.100
10-1.4 DIA. HOLES
10-.055 DIA. HOLES
General tolerance:
±0.3 ±.012
PC board pattern (Bottom view)
Schematic (Bottom view)
Tolerance:
±0.1 ±.004
mm inch



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com