Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STFH13N60M2 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STFH13N60M2
Description  Extremely low gate charge
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFH13N60M2 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STFH13N60M2 Datasheet HTML 3Page - STMicroelectronics STFH13N60M2 Datasheet HTML 4Page - STMicroelectronics STFH13N60M2 Datasheet HTML 5Page - STMicroelectronics STFH13N60M2 Datasheet HTML 6Page - STMicroelectronics STFH13N60M2 Datasheet HTML 7Page - STMicroelectronics STFH13N60M2 Datasheet HTML 8Page - STMicroelectronics STFH13N60M2 Datasheet HTML 9Page - STMicroelectronics STFH13N60M2 Datasheet HTML 10Page - STMicroelectronics STFH13N60M2 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
STFH13N60M2
Electrical characteristics
DocID029304 Rev 2
7/12
Figure 8: Gate charge vs gate-source voltage
Figure 9: Capacitance variations
Figure 10: Normalized gate threshold voltage vs
temperature
Figure 11: Normalized on-resistance vs temperature
Figure 12: Source-drain diode forward
characteristics
Figure 13: Output capacitance stored energy
VGS
6
4
2
0
0
Qg(nC)
(V)
8
8
4
10
VDD=480V
300
200
100
0
400
VDS
12
16
500
VDS
(V)
ID=11A
C
10
1
0.1
0.1
10
VDS(V)
(pF)
1
100
Ciss
Coss
Crss
100
1000
AM15717v1
ID=17 A
Eoss
0
VDS(V)
(µJ)
200
100
500
0
1
2
3
4
300
400
AM15721v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com