Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP3966 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP3966
Description  PRIMARY SIDE POWER SWITCHER FOR FLYBACK/NON-ISOLATED BUCK SMPS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3966 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP3966 Datasheet HTML 1Page - Diodes Incorporated AP3966 Datasheet HTML 2Page - Diodes Incorporated AP3966 Datasheet HTML 3Page - Diodes Incorporated AP3966 Datasheet HTML 4Page - Diodes Incorporated AP3966 Datasheet HTML 5Page - Diodes Incorporated AP3966 Datasheet HTML 6Page - Diodes Incorporated AP3966 Datasheet HTML 7Page - Diodes Incorporated AP3966 Datasheet HTML 8Page - Diodes Incorporated AP3966 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
AP3965/66/71
Document number: DS36531 Rev. 3 - 2
2 of 13
www.diodes.com
November 2013
© Diodes Incorporated
AP3965/66/71
A Product Line of
Diodes Incorporated
Typical Applications Circuit
+
J1
AC90-264V
D1 to D4
C2
Rf1
+
C1
D6
L-com
T1
FB
C
VCC
CS
+
C3
U1
CPC
C8
R5
C11
Np
Ns
Nfb
D5
C5
R6
Vo+
Vo-
C10
GND
D12
+
C12
R11
R12
C13
+
R10
R3
R8
R9
R7
For AP3971 (12V/1A)
Item
Function
QTY
Item
Function
QTY
C1,C2
10µF/400V, electrolytic
2
U1
AP3971, PDIP-7
1
C3
4.7µF/50V, electrolytic
1
Rf1
2A/250V, fuse
1
C5
1nF/250V, ceramic
1
R3
3.3M
Ω/0.25W
1
C8
0.1µF, 0805
1
R5
3.9
Ω , 0805
1
C10
1nF/250VAC, Y1 capacitor
1
R6
150k
Ω/0.25W
1
C11
1nF, 0805
1
R7
0.62
Ω, 1206
1
C12, C13
470µF/16V
2
R8
31k
Ω, 0805
1
D1 to D6
1N4007, rectifier diode
6
R9
13k
Ω, 0805
1
D12
MBR3100, schottky diode
1
R10
360
Ω, 0805
1
L-com
EE10, 15mH, Common inductor
1
R11
27
Ω, 0805
1
T1
EE19 core, PC40, transformer
1
R12
1.2k
Ω, 0805
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com