Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STFI12N60M2 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STFI12N60M2
Description  N-channel 600 V, 0.395 Ω typ., 9 A MDmesh™M2 Power MOSFET in an I²PAKFP package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFI12N60M2 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STFI12N60M2 Datasheet HTML 4Page - STMicroelectronics STFI12N60M2 Datasheet HTML 5Page - STMicroelectronics STFI12N60M2 Datasheet HTML 6Page - STMicroelectronics STFI12N60M2 Datasheet HTML 7Page - STMicroelectronics STFI12N60M2 Datasheet HTML 8Page - STMicroelectronics STFI12N60M2 Datasheet HTML 9Page - STMicroelectronics STFI12N60M2 Datasheet HTML 10Page - STMicroelectronics STFI12N60M2 Datasheet HTML 11Page - STMicroelectronics STFI12N60M2 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
STFI12N60M2
Package information
DocID027899 Rev 1
9/12
4
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK
® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK
® is an ST trademark.
4.1
I²PAKFP (TO-281) package information
Figure 20: I²PAKFP (TO-281) package outline
8291506 Re v. C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com