Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP65101 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP65101
Description  TSOT26 LIGHT LOAD IMPROVED 1.5A SYNCH DC/DC BUCK CONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP65101 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP65101 Datasheet HTML 1Page - Diodes Incorporated AP65101 Datasheet HTML 2Page - Diodes Incorporated AP65101 Datasheet HTML 3Page - Diodes Incorporated AP65101 Datasheet HTML 4Page - Diodes Incorporated AP65101 Datasheet HTML 5Page - Diodes Incorporated AP65101 Datasheet HTML 6Page - Diodes Incorporated AP65101 Datasheet HTML 7Page - Diodes Incorporated AP65101 Datasheet HTML 8Page - Diodes Incorporated AP65101 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
AP65101
Document number: DS38098 Rev. 2 - 3
4 of 14
www.diodes.com
December 2016
© Diodes Incorporated
AP65101
NOT RECOMMENDED FOR NEW DESIGN
Electrical Characteristics (@TA = +25°C, VIN = 12V, unless otherwise specified.)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
ISHDN
Shutdown Supply Current
VEN = 0V
-
-
1.0
µA
IQ
Supply Current (Quiescent)
VEN = 2.0V, VFB = 1.0V
-
0.83
-
mA
RDS(ON)1
High-Side Switch On-Resistance (Note 8)
-
-
200
-
mΩ
RDS(ON)2
Low-Side Switch On-Resistance (Note 8)
-
-
120
-
mΩ
ILIMIT
HS Current Limit
Minimum duty cycle
2
2.5
-
A
-
High-Side Switch Leakage Current
VEN = 0V, VSW =12V
-
-
1
μA
FSW
Oscillator Frequency
VFB = 0.75V
400
500
600
kHz
DMAX
Maximum Duty Cycle
VFB = 800mV
88
92
-
%
tON
Minimum On Time
-
-
90
-
ns
VFB
Feedback Voltage
TA = -40°C to +85°C
776
800
824
mV
VEN_RISING
EN Rising Threshold
-
1.4
1.5
1.6
V
VEN_FALLING
EN Falling Threshold
-
1.23
1.32
1.41
V
IEN
EN Input Current
VEN = 2V
-
2.85
-
μA
VEN = 0V
-
0
-
μA
INUVVTH
VIN Under Voltage Threshold Rising
-
3.7
4.05
4.4
V
INUVHYS
VIN Under Voltage Threshold Hysteresis
-
-
250
-
mV
tSS
Soft-Start Period
-
-
1
-
ms
TSHDN
Thermal Shutdown (Note 8)
-
-
+160
-
°C
THYS
Thermal Hysteresis (Note 8)
-
-
+20
-
°C
Note:
8. Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com