Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP65201 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP65201
Description  TSOT26 LIGHT LOAD IMPROVED 2A SYNCH DC/DC BUCK CONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP65201 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP65201 Datasheet HTML 1Page - Diodes Incorporated AP65201 Datasheet HTML 2Page - Diodes Incorporated AP65201 Datasheet HTML 3Page - Diodes Incorporated AP65201 Datasheet HTML 4Page - Diodes Incorporated AP65201 Datasheet HTML 5Page - Diodes Incorporated AP65201 Datasheet HTML 6Page - Diodes Incorporated AP65201 Datasheet HTML 7Page - Diodes Incorporated AP65201 Datasheet HTML 8Page - Diodes Incorporated AP65201 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
AP65201
Document number: DS36109 Rev. 3 - 3
2 of 14
www.diodes.com
December 2016
© Diodes Incorporated
AP65201
NOT RECOMMENDED FOR NEW DESIGN
Pin Descriptions
Pin
Name
Pin Number
Function
GND
1
Ground
SW
2
Power Switching Output. SW is the switching node that supplies power to the output. Connect the output LC
filter from SW to the output load. Note that a capacitor is required from SW to BS to power the high-side switch.
IN
3
Power Input. IN supplies the power to the IC, as well as the step-down converter switches. Drive IN with a 4.5V
to 16V power source. Bypass IN to GND with a suitably large capacitor to eliminate noise on the input to the IC.
See Input Capacitor.
FB
4
Feedback Input. FB senses the output voltage and regulates it. Drive FB with a resistive voltage divider
connected to it from the output voltage. The feedback threshold is 0.8V. See Setting the Output Voltage.
EN
5
Enable Input. EN is a digital input that turns the regulator on or off. Drive EN high to turn on the regulator; low to
turn it off. Attach to IN with a 100kΩ pull up resistor for automatic startup.
BST
6
High-Side Gate Drive Boost Input. BS supplies the drive for the high-side N-Channel MOSFET a 0.01µF or
greater capacitor from SW to BS to power the high side switch.
Functional Block Diagram
E
+
-
+
-
+
-
+
1.1V
0.3 V
INTERNAL
REFERENCE
Logic
0.8V
+
-
Internal
SS
OSCILLATOR
CURRENT
SENSE
AMPLIFIER
OVP
RAMP
CLK
CURRENT
COMPARATOR
FB
EN
0.8 V
GND
SW
BST
IN
500KHz
0.3V
1.1V
Vcc
REGULATOR
5
4
6
2
1
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com