Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM2420-RTR Datasheet(PDF) 1 Page - Silicon Laboratories

Part # EM2420-RTR
Description  End of Life (EOL) Change Notice
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM2420-RTR Datasheet(HTML) 1 Page - Silicon Laboratories

  EM2420-RTR Datasheet HTML 1Page - Silicon Laboratories EM2420-RTR Datasheet HTML 2Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
End of Life (EOL) Change Notice #1403181
____________________________________________________________________________________________________
W7206F3 Process Change Notice Form rev D
The information contained in this document is PROPRIETARY to Silicon Laboratories, Inc. and shall not be reproduced or used in
part or whole without Silicon Laboratories’ written consent. The document is uncontrolled if printed or electronically saved. Pg 3
User Registration
Register today to create your account on Silabs.com. Your personalized profile allows you to receive technical
document updates, new product announcements, “how-to” and design documents, product change notices (PCN)
and other valuable content available only to registered users. http://www.silabs.com/profile
PCN Date: 3/18/2014
Effective Date: 3/23/2015
Title: EM2420-RT End of Life and Last Time Buy
Originator: Matt Maupin
Phone: 512-464-9338
Dept: Marketing
Customer Contact: Kathy Haggar
Phone: 512-532-5261
Dept: Sales
PCN Type: End of Life
Last Order Date: 9/23/2014
PCN Details
Description of Change:
Silicon Labs announces an End of Life (EOL) and Last Time Buy (LTB) for EM2420-RT
product.
All orders, including Last Time Buy orders, for the EM2420-RT must be placed by the Last
Order Date (23 September 2014) and must have a customer requested delivery date prior
to the PCN effective date (23 March 2015). Any orders with a customer requested
delivery date between the Last Order Date, (23 September 2014) and the PCN Effective
Date (23 March 2015) will be non-cancellable and non-returnable.
Orders with a customer requested delivery date beyond the PCN Effective Date of 23
March 2015 will not be accepted.
If you have questions about this PCN, please contact your Silicon Labs sales
representative. A list of Silicon Labs sales representatives is available at
www.silabs.com.
Silicon Labs recommends the EM351 or EM357 for ZigBee replacement parts. The
recommended replacements are easier to design-in, offer lower BOM cost, lower power
consumption and provide better performance. The EM351 and EM357 are not pin to pin
compatible to the End of Life device, EM2420-RT. The recommended datasheets are
available from www.silabs.com.
Reason for Change: End of Life
Impact on Form, Fit, Function, Quality, Reliability:
There is no pin-for-pin replacement for
the EM2420-RT transceiver. The recommended EM351 and EM357 parts integrate the MCU
and transceiver into a single IC and is a change in form, fit and function. There is no
change to Quality or Reliability.
Existing OPN
Replacement OPN
EM2420-RT
EM351
EM2420-RT
EM357
Last Date of Unchanged Product: Not Applicable


Similar Part No. - EM2420-RTR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EM2420 ETC-EM2420 Datasheet
1Mb / 89P
2.4 GHz IEEE 802.15.4 / ZigBee RF Transceiver
EM2420DK ETC-EM2420DK Datasheet
1Mb / 89P
2.4 GHz IEEE 802.15.4 / ZigBee RF Transceiver
EM2420EK ETC-EM2420EK Datasheet
1Mb / 89P
2.4 GHz IEEE 802.15.4 / ZigBee RF Transceiver
EM2420TR ETC-EM2420TR Datasheet
1Mb / 89P
2.4 GHz IEEE 802.15.4 / ZigBee RF Transceiver
More results

Similar Description - EM2420-RTR

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
EOL-62L256 HOLTEK-EOL-62L256 Datasheet
58Kb / 2P
HT62L256 EOL Notification
August 5, 2003
logo
Diodes Incorporated
DCS-1078 DIODES-DCS-1078 Datasheet
74Kb / 17P
PRODUCT CHANGE NOTICE
PCN-1078_Rev 1
logo
YAGEO Corporation
70765 YAGEO-70765 Datasheet
79Kb / 1P
Restriction of Hazardous Substances & End of Life-Vehicle
logo
ATMEL Corporation
ATSTK1006 ATMEL-ATSTK1006 Datasheet
26Kb / 2P
Product End-of-Life (EOL) Notification
logo
List of Unclassifed Man...
A235-2 ETC2-A235-2 Datasheet
657Kb / 17P
TO CHANGE WITHOUT NOTICE ACCESSORIES
logo
International Rectifier
IP2034TRPBF IRF-IP2034TRPBF Datasheet
72Kb / 2P
End of Life Notification
IP2034PBF IRF-IP2034PBF Datasheet
72Kb / 2P
End of Life Notification
logo
Bel Fuse Inc.
IAS012ZJ-3 BEL-IAS012ZJ-3 Datasheet
606Kb / 7P
End of life (EOL) for certain part numbers with little or no activity
logo
STMicroelectronics
STEVAL-ILB008V1 STMICROELECTRONICS-STEVAL-ILB008V1 Datasheet
118Kb / 4P
End-of-life detection
25-Feb-2011
logo
List of Unclassifed Man...
EC05E1220202 ETC-EC05E1220202 Datasheet
144Kb / 4P
Product Change Notice
June 8, 2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com