Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STFW2N105K5 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STFW2N105K5
Description  N-channel 1050 V, 6 Ω typ., 1.5 A Zener-protected SuperMESH™ 5 Power MOSFET in a TO-3PF package
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFW2N105K5 Datasheet(HTML) 5 Page - STMicroelectronics

  STFW2N105K5 Datasheet HTML 1Page - STMicroelectronics STFW2N105K5 Datasheet HTML 2Page - STMicroelectronics STFW2N105K5 Datasheet HTML 3Page - STMicroelectronics STFW2N105K5 Datasheet HTML 4Page - STMicroelectronics STFW2N105K5 Datasheet HTML 5Page - STMicroelectronics STFW2N105K5 Datasheet HTML 6Page - STMicroelectronics STFW2N105K5 Datasheet HTML 7Page - STMicroelectronics STFW2N105K5 Datasheet HTML 8Page - STMicroelectronics STFW2N105K5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
DocID026320 Rev 1
5/14
STFW2N105K5
Electrical characteristics
14
The built-in back-to-back Zener diodes have specifically been designed to enhance the
device's ESD capability. In this respect the Zener voltage is appropriate to achieve an
efficient and cost-effective intervention to protect the device's integrity. These integrated
Zener diodes thus avoid the usage of external components.
Table 6. Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max
Unit
t
d(on)
Turn-on delay time
V
DD
= 525 V, I
D
= 0.75 A,
R
G
= 4.7
Ω, V
GS
= 10 V
(see Figure 15)
-
14.5
-
ns
t
r
Rise time
-
8.5
-
ns
t
d(off)
Turn-off-delay time
-
35
-
ns
t
f
Fall time
-
38.5
-
ns
Table 7. Source drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max
Unit
I
SD
Source-drain current
-
1.5
A
I
SDM
(1)
1.
Pulse width limited by safe operating area
Source-drain current (pulsed)
-
6
A
V
SD
(2)
2.
Pulsed: pulse duration = 300 μs, duty cycle 1.5%
Forward on voltage
I
SD
= 1.5 A, V
GS
= 0
-
1.5
V
t
rr
Reverse recovery time
I
SD
= 1.5 A, di/dt = 100 A/μs
V
DD
= 60 V
(see Figure 17)
-
326
ns
Q
rr
Reverse recovery charge
-
1.19
μC
I
RRM
Reverse recovery current
-
7.3
A
t
rr
Reverse recovery time
I
SD
= 1.5 A, di/dt = 100 A/μs
V
DD
= 60 V T
J
= 150 °C
(see Figure 17)
-
525
ns
Q
rr
Reverse recovery charge
-
1.83
μC
I
RRM
Reverse recovery current
-
7
A
Table 8. Gate-source Zener diode
Symbol
Parameter
Test conditions
Min
Typ.
Max.
Unit
V
(BR)GSO
Gate-source breakdown voltage
I
GS
= ± 1mA, I
D
=0
30
-
-
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com