Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STFW45N65M5 Datasheet(PDF) 16 Page - STMicroelectronics

Part # STFW45N65M5
Description  N-channel 650 V, 35 A, 0.067 Ω typ., MDmesh™ V Power MOSFETs in TO-3PF, TO-247 and TO-247 long leads packages
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFW45N65M5 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STFW45N65M5 Datasheet HTML 10Page - STMicroelectronics STFW45N65M5 Datasheet HTML 11Page - STMicroelectronics STFW45N65M5 Datasheet HTML 12Page - STMicroelectronics STFW45N65M5 Datasheet HTML 13Page - STMicroelectronics STFW45N65M5 Datasheet HTML 14Page - STMicroelectronics STFW45N65M5 Datasheet HTML 15Page - STMicroelectronics STFW45N65M5 Datasheet HTML 16Page - STMicroelectronics STFW45N65M5 Datasheet HTML 17Page - STMicroelectronics STFW45N65M5 Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
Package mechanical data
STFW45N65M5, STW45N65M5, STWA45N65M5
16/18
DocID024049 Rev 2
Table 11. TO-247 long leads mechanical data
Dim.
mm
Min.
Typ.
Max.
A4.90
5.15
D1.85
2.10
E0.55
0.67
F1.07
1.32
F1
1.90
2.38
F2
2.87
3.38
G
10.90 BSC
H
15.77
16.02
L
20.82
21.07
L1
4.16
4.47
L2
5.49
5.74
L3
20.05
20.30
L4
3.68
3.93
L5
6.04
6.29
M2.25
2.55
V
10°
V1
3°
V3
20°
Dia.
3.55
3.66



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com