Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGIPS10K60A2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STGIPS10K60A2
Description  Short-circuit rugged IGBT
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGIPS10K60A2 Datasheet(HTML) 1 Page - STMicroelectronics

  STGIPS10K60A2 Datasheet HTML 1Page - STMicroelectronics STGIPS10K60A2 Datasheet HTML 2Page - STMicroelectronics STGIPS10K60A2 Datasheet HTML 3Page - STMicroelectronics STGIPS10K60A2 Datasheet HTML 4Page - STMicroelectronics STGIPS10K60A2 Datasheet HTML 5Page - STMicroelectronics STGIPS10K60A2 Datasheet HTML 6Page - STMicroelectronics STGIPS10K60A2 Datasheet HTML 7Page - STMicroelectronics STGIPS10K60A2 Datasheet HTML 8Page - STMicroelectronics STGIPS10K60A2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
This is information on a product in full production.
April 2015
DocID025667 Rev 3
1/18
STGIPS10K60A2
SLLIMM™ small low-loss intelligent molded module
IPM, 3-phase inverter, 10 A, 600 V short-circuit rugged IGBT
Datasheet
- production data
Features
• IPM 10 A, 600 V, 3-phase IGBT inverter bridge
including control ICs for gate driving and free-
wheeling diodes
• Short-circuit rugged IGBT
• VCE(sat) negative temperature coefficient
• 3.3 V, 5 V, 15 V CMOS/TTL inputs
comparators with hysteresis and pull-down
resistor
• Undervoltage lockout
• Internal bootstrap diode
• Interlocking function
• DBC substrate leading to low thermal
resistance
• Isolation rating of 2500 Vrms/min
• 4.7 kΩ NTC for temperature control
• UL recognized: UL1557 file E81734
Applications
• 3-phase inverters for motor drives
• Home appliances, such as washing machines,
refrigerators, air conditioners
Description
This intelligent power module provides a
compact, high performance AC motor drive in a
simple, rugged design. Combining ST proprietary
control ICs with the most advanced short-circuit-
rugged IGBT system technology, this device is
ideal for 3-phase inverters in applications such as
home appliances and air conditioners. SLLIMM™
is a trademark of STMicroelectronics.
SDIP-25L
Table 1. Device summary
Order code
Marking
Package
Packing
STGIPS10K60A2
GIPS10K60A2
SDIP-25L
Tube
www.st.com


Similar Part No. - STGIPS10K60A2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGIPS10K60A STMICROELECTRONICS-STGIPS10K60A Datasheet
458Kb / 17P
IGBT intelligent power module (IPM) 10 A, 600 V, DBC isolated SDIP-25L molded
15-Jun-2010
More results

Similar Description - STGIPS10K60A2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGB30NC60K STMICROELECTRONICS-STGB30NC60K Datasheet
385Kb / 15P
30 A - 600 V - short circuit rugged IGBT
07-Mar-2008
STGB8NC60KD STMICROELECTRONICS-STGB8NC60KD Datasheet
562Kb / 18P
600 V - 8 A - short circuit rugged IGBT
01-Apr-2008
STGB19NC60K STMICROELECTRONICS-STGB19NC60K Datasheet
524Kb / 15P
20 A - 600 V - short circuit rugged IGBT
28-May-2008
STGB19NC60KD STMICROELECTRONICS-STGB19NC60KD Datasheet
586Kb / 17P
20 A - 600 V - short circuit rugged IGBT
28-May-2008
STGW30N120KD STMICROELECTRONICS-STGW30N120KD Datasheet
359Kb / 13P
30 A - 1200 V - short circuit rugged IGBT
18-Jun-2008
STGB14NC60KD STMICROELECTRONICS-STGB14NC60KD_10 Datasheet
543Kb / 16P
14 A, 600 V - short-circuit rugged IGBT
15-Mar-2010
STEVAL-IHM003V1 STMICROELECTRONICS-STEVAL-IHM003V1 Datasheet
116Kb / 4P
Inverter stage IGBT short circuit rugged based
19-Jul-2007
STGF14HF60KD STMICROELECTRONICS-STGF14HF60KD Datasheet
412Kb / 12P
14 A - 600 V - short-circuit rugged IGBT
17-Aug-2009
STGP10HF60KD STMICROELECTRONICS-STGP10HF60KD Datasheet
477Kb / 13P
10 A - 600 V - short-circuit rugged IGBT
23-Feb-2012
STGF10NC60KD STMICROELECTRONICS-STGF10NC60KD_V01 Datasheet
1Mb / 30P
10 A, 600 V short-circuit rugged IGBT
06-Jun-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com