Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL9421 Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # PL9421
Description  SMT POWER INDUCTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PL9421 Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  PL9421 Datasheet HTML 1Page - Pulse A Technitrol Company PL9421 Datasheet HTML 2Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
USA 858 674 8100 •• Germany 49 7032 7806 0 •• Singapore 65 6287 8998 •• Shanghai 86 21 32181071 •• China 86 755 33966678 •• Taiwan 886 3 4643715
www.pulseeng.com
M123.A (5/08)
SMT POWER INDUCTORS
Shielded Drum Core - PL94XX Series
TYP
.118
3,00
TYP
.047
1,20
MAX
.132
3,35
.004/0,10 MAX
.410
10,41
MAX
.410
10,41
MAX
SUGGESTED PAD LAYOUT
.421
10,70
TYP
.421
10,70TYP
.126
3,20TYP
.126
3,20TYP
.126
3,20
TYP
.287
7,30
TYP
Mechanical
Part
Inductance
Irated 2
DCR (m
Ω)
Inductance
Saturation 3
Heating 4
Numbers
@Irated
(A)
@0ADC
Current
Current
(
μH TYP)
TYP
MAX
(
μH)
(A) @25°C
(A)
PL9401
0.67
7.00
3.4
4.4
0.68*
7.00
13.00
PL9402
1.3
6.10
4.9
6.4
1.5*
6.10
9.30
PL9403
2.1
5.70
8.0
10.4
2.2*
5.70
7.40
PL9404
3.1
4.80
12.0
15.6
3.3*
4.80
5.90
PL9405
4.5
4.10
16.3
21.2
4.7*
4.10
5.00
PL9406
5.8
3.60
19.4
25.2
6.2*
3.60
4.50
PL9407
7.0
3.30
21.4
27.8
6.8*
3.30
4.15
PL9408
9.4
3.00
30.4
39.5
8.2*
3.00
3.50
PL9409
11
2.70
33.0
42.9
10
2.70
3.25
PL9410
12
2.40
37.0
50.0
12
2.40
2.85
PL9411
15
2.25
48.3
65.2
15
2.25
2.65
PL9412
24
1.85
63.8
86.1
22
1.85
2.25
PL9413
35
1.40
93
126
33
1.40
1.85
PL9414
48
1.25
139
188
47
1.25
1.45
PL9415
55
1.15
154
208
56
1.15
1.35
PL9416
64
1.05
207
279
68
1.05
1.20
PL9417
88
0.94
235
317
82
0.94
1.08
PL9418
106
0.88
265
358
100
0.88
1.00
PL9419
129
0.80
354
478
120
0.80
0.93
PL9420
157
0.70
404
545
150
0.70
0.83
PL9421
238
0.58
620
837
220
0.58
0.75
PL9422
325
0.45
888
1199
330
0.45
0.73
*Inductance at 0ADC tolerance on indicated part numbers is ±30%; tolerance is ±20% on all other parts. Optional Tape & Reel packaging can
be ordered by adding a "T" suffix to the part number (i.e. PL9401 becomes PL9401T).
NOTES FROM TABLE: (See back page)
Electrical Specifications @ 25°C — Operating Temperature - 55°C to +130°C
NOTE: Pin 3 and Pin 4 are for
mechanical connection only.
Height: 0.132 inches (3.35mm) Max
Footprint: 0.410 inches x 0.410 inches (10.4mm x 10.4mm) Max
Inductance Range: 0.67µH to 325µH
Current Rating: up to 7.00A


Similar Part No. - PL9421

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
PL9 DBLECTRO-PL9 Datasheet
369Kb / 2P
Application for Telecommunication Equipment,Office Equipment,Security Alarm Systems
logo
Micrel Semiconductor
PL902150USY MICREL-PL902150USY Datasheet
606Kb / 1P
Programmable Jitter Filter
PL902150USYTR MICREL-PL902150USYTR Datasheet
606Kb / 1P
Programmable Jitter Filter
PL902XXX MICREL-PL902XXX Datasheet
482Kb / 10P
Lowest power and smallest programmable jitter attenuator
logo
Microchip Technology
PL902XXXUSY MICROCHIP-PL902XXXUSY Datasheet
2Mb / 36P
Gigabit Ethernet Switch Evaluation Board
11/07/16
More results

Similar Description - PL9421

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
Inductors SMT Power Inductors
logo
Pulse A Technitrol Comp...
PF0560.252NLT PULSE-PF0560.252NLT Datasheet
234Kb / 2P
SMT POWER INDUCTORS
logo
Coilcraft lnc.
LPO4815 COILCRAFT-LPO4815_15 Datasheet
446Kb / 2P
SMT Power Inductors
logo
Pulse A Technitrol Comp...
PA2891.XXXHL PULSE-PA2891.XXXHL Datasheet
736Kb / 3P
SMT Power Inductors
PA3288.XXXHL PULSE-PA3288.XXXHL Datasheet
439Kb / 3P
SMT Power Inductors
PA4340.XXXNLT PULSE-PA4340.XXXNLT Datasheet
3Mb / 4P
SMT Power Inductors
PA5002.XXXNLT PULSE-PA5002.XXXNLT Datasheet
1Mb / 5P
SMT Power Inductors
PG1083NL PULSE-PG1083NL Datasheet
455Kb / 2P
SMT Power Inductors
PG0936NL PULSE-PG0936NL Datasheet
384Kb / 2P
SMT Power Inductors
PA5189.XXXHLT PULSE-PA5189.XXXHLT Datasheet
777Kb / 3P
SMT Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com