Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STH140N8F7-2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STH140N8F7-2
Description  N-channel 80 V, 3.3 mΩ typ., 90 A STripFET™ F7 Power MOSFET in a H2PAK-2 package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STH140N8F7-2 Datasheet(HTML) 1 Page - STMicroelectronics

  STH140N8F7-2 Datasheet HTML 1Page - STMicroelectronics STH140N8F7-2 Datasheet HTML 2Page - STMicroelectronics STH140N8F7-2 Datasheet HTML 3Page - STMicroelectronics STH140N8F7-2 Datasheet HTML 4Page - STMicroelectronics STH140N8F7-2 Datasheet HTML 5Page - STMicroelectronics STH140N8F7-2 Datasheet HTML 6Page - STMicroelectronics STH140N8F7-2 Datasheet HTML 7Page - STMicroelectronics STH140N8F7-2 Datasheet HTML 8Page - STMicroelectronics STH140N8F7-2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
October 2014
DocID026821 Rev 2
1/15
This is information on a product in full production.
www.st.com
STH140N8F7-2
N-
channel 80 V, 3.3 mΩ typ., 90 A STripFET™ F7 Power
MOSFET in a H2PAK-2 package
Datasheet - production data
Figure 1: Internal schematic diagram
Features
Order code
VDS
RDS(on) max.
ID
PTOT
STH140N8F7-2
80 V
4 mΩ
90 A
200 W
Among the lowest RDS(on) on the market
Excellent figure of merit (FoM)
Low Crss/Ciss ratio for EMI immunity
High avalanche ruggedness
Applications
Switching applications
Description
This N-channel Power MOSFET utilizes
STripFET™ F7 technology with an enhanced
trench gate structure that results in very low on-
state resistance, while also reducing internal
capacitance and gate charge for faster and more
efficient switching.
Table 1: Device summary
Order code
Marking
Package
Packaging
STH140N8F7-2
140N8F7
H2PAK-2
Tape and
reel


Similar Part No. - STH140N8F7-2

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STH140N8F7-2 ISC-STH140N8F7-2 Datasheet
314Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STH140N8F7-2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STH145N8F7-2AG STMICROELECTRONICS-STH145N8F7-2AG Datasheet
677Kb / 16P
Automotive-grade N-channel 80 V, 3.3 mΩ typ., 90 A STripFET™ F7 Power MOSFET in a H²PAK-2 package
05-Jun-2015
STH150N10F7-2 STMICROELECTRONICS-STH150N10F7-2 Datasheet
958Kb / 16P
N-channel 100 V, 0.0034 Ω typ., 110 A, STripFET™ F7 Power MOSFET in a H2PAK-2 package
22-Sep-2016
STD100N10LF7AG STMICROELECTRONICS-STD100N10LF7AG Datasheet
659Kb / 17P
Automotive-grade N-channel 100 V, 5 mΩ typ., 80 A STripFET™ F7 Power MOSFET in a DPAK package
06-Jun-2016
STF260N4F7 STMICROELECTRONICS-STF260N4F7 Datasheet
470Kb / 11P
N-channel 40 V, 1.95 mΩ typ., 90 A, STripFET™ F7 Power MOSFET in a TO-220FP package
13-Oct-2015
STH15810-2 STMICROELECTRONICS-STH15810-2 Datasheet
969Kb / 16P
N-channel 100 V, 0.0034 Ω typ., 110 A, STripFET™ F7 Power MOSFET in a H2PAK-2 package
25-Aug-2014
STH260N4LF7-2 STMICROELECTRONICS-STH260N4LF7-2 Datasheet
598Kb / 17P
N-channel 40 V, 1.2 mΩ typ., 180 A, STripFET™ F7 Power MOSFETs in H2PAK-2 and H2PAK-6 packages
24-Nov-2015
STH80N10LF7-2AG STMICROELECTRONICS-STH80N10LF7-2AG Datasheet
626Kb / 14P
Automotive-grade N-channel 100 V, 7 mΩ typ., 80 A, STripFET™ F7 Power MOSFET in an H2PAK-2 package
14-Jan-2019
STL12N10F7 STMICROELECTRONICS-STL12N10F7 Datasheet
587Kb / 13P
N-channel 100 V, 11.3 mΩ typ., 12 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 3.3x3.3 package
14-Jun-2018
STL50N6F7 STMICROELECTRONICS-STL50N6F7 Datasheet
866Kb / 14P
N-channel 60 V, 9 mΩ typ., 60 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
12-Nov-2015
STL90N6F7 STMICROELECTRONICS-STL90N6F7_V01 Datasheet
505Kb / 14P
N-channel 60 V, 4.6 mΩ typ., 90 A STripFET F7 Power MOSFET in a PowerFLAT 5x6 package
24-Jan-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com