Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STIPN1M50-H Datasheet(PDF) 10 Page - STMicroelectronics

Part # STIPN1M50-H
Description  3-phase inverters for small power motor drives
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STIPN1M50-H Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STIPN1M50-H Datasheet HTML 6Page - STMicroelectronics STIPN1M50-H Datasheet HTML 7Page - STMicroelectronics STIPN1M50-H Datasheet HTML 8Page - STMicroelectronics STIPN1M50-H Datasheet HTML 9Page - STMicroelectronics STIPN1M50-H Datasheet HTML 10Page - STMicroelectronics STIPN1M50-H Datasheet HTML 11Page - STMicroelectronics STIPN1M50-H Datasheet HTML 12Page - STMicroelectronics STIPN1M50-H Datasheet HTML 13Page - STMicroelectronics STIPN1M50-H Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Electrical characteristics
STIPN1M50-H
10/21
DocID030075 Rev 2
Table 12: Op-amp characteristics (VCC = 15 V unless otherwise specified)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Vio
Input offset voltage
Vic = 0 V, Vo = 7.5 V
6
mV
Iio
Input offset current
Vic = 0 V, Vo = 7.5 V
4
40
nA
Iib
Input bias current (1)
100
200
nA
VOL
Low level output voltage
RL
= 10 kΩ to VCC
75
150
mV
VOH
High level output voltage
RL
= 10 kΩ to GND
14
14.7
V
Io
Output short-circuit current
Source, Vid = +1 V; Vo = 0 V
16
30
mA
Sink, Vid = -1 V; Vo = VCC
50
80
mA
SR
Slew rate
Vi = 1 - 4 V; CL = 100 pF;
unity gain
2.5
3.8
V/µs
GBWP
Gain bandwidth product
Vo = 7.5 V
8
12
MHz
Avd
Large signal voltage gain
RL
= 2 kΩ
70
85
dB
SVR
Supply voltage rejection
ratio
vs. VCC
60
75
dB
CMRR
Common mode rejection
ratio
55
70
dB
Notes:
(1)The direction of input current is out of the IC.
Table 13: Sense comparator characteristics (VCC = 15 V unless otherwise specified)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Iib
Input bias current
VCIN = 1 V
3
µA
Vod
Open-drain low level output
voltage
Iod = 3 mA
0.5
V
RON_OD
Open-drain low level output
resistance
Iod = 3 mA
166
Ω
RPD_SD
SD
̅̅̅̅ pull-down resistor (1)
125
kΩ
td_comp
Comparator delay
SD
̅̅̅̅/OD pulled to 5 V
through 100 kΩ resistor
90
130
ns
SR
Slew rate
CL = 180 pF; Rpu
= 5 kΩ
60
V/µs
tsd
Shutdown to high / low-side
driver propagation delay
VOUT = 0, Vboot = VCC,
VIN = 0 to 3.3 V
50
125
200
ns
tisd
Comparator triggering to high /
low-side driver turn-off
propagation delay
Measured applying a
voltage step from 0 V to
3.3 V to pin CIN
50
200
250
Notes:
(1)Equivalent values as a result of the resistances of three drivers in parallel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com