Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAV99 Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # BAV99
Description  SOT23 SILICON PLANAR HIGH SPEED SWITCHING SERIES DIODE PAIR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

BAV99 Datasheet(HTML) 2 Page - Zetex Semiconductors

  BAV99 Datasheet HTML 1Page - Zetex Semiconductors BAV99 Datasheet HTML 2Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SOT23 SILICON PLANAR HIGH SPEED
SWITCHING SERIES DIODE PAIR
ISSUE 2 - MAY 1995
PIN CONFIGURATIONS
PARTMARKING DETAILS
BAV99...........A7
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Continuous Reverse Voltage
VR
70
V
Repetitive Peak Reverse Voltage
VRRM
70
V
Average Rectified Forward Current
( over any 20mS Period)
IF(AV)
100
mA
Repetitive Peak Forward Current
IFRM
200
mA
Peak Forward Surge Current
IFM(SURGE)
500
mA (dc)
Power Dissipation at Tamb=25°C
Ptot
330
mW
Operating and Storage Temperature Range
Tj:Tstg
-55 to +150
°C
CHARACTERISTICS (at Tamb= 25°C unless otherwise stated).
PARAMETER
SYMBOL
MIN.
TYP.
MAX. UNIT CONDITIONS.
Forward Voltage
VF
715
855
1.1
1.3
mV
mV
V
V
IF=1mA
IF=10mA
IF=50mA
IF=100mA
Reverse Current
IR
30
2.5
50
µ
A
µ
A
µ
A
VR=25V, Tamb=150°C
VR=70V
VR=70V, Tamb=150°C
Diode Capacitance
CD
1.5
pF
f=1MHz
Forward Recovery
Voltage
Vfr
1.75
V
Switched to
IF=10mA, tr=20ns
Reverse Recovery
Time
trr
6
ns
Switched from
IF=10mA, VR=1V
RL=100Ω,IR=1mA
Spice parameter data is available upon request for this device
BAV99
PAGE NO
1
2
3
1
3
2
SOT23
Sampling Oscilloscope
C< 1.0pF
RIN=50Ω
VIN=1V
RS
=50Ω
Pulse Generator
trr
IF
IR=1mA
Recovery Time Equivalent Test Circuit
Output Waveform
1kΩ
0.2µF
VB
0.1µF
DUT
+
-
Pulse rise time < = 0.5ns
Pulse width = 100ns
Oscilloscope rise time < 0.35ns
Adjust VB for IF=10mA
SWITCHING CIRCUIT
BAV99
† Above switching diagram also applies to device types
– BAL99
– BAR99
– BAW56
– BAV70



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com