Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP2985-33DBVT Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LP2985-33DBVT
Description  150-mA Low-noise Low-dropout Regulator With Shutdown
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP2985-33DBVT Datasheet(HTML) 11 Page - Texas Instruments

Back Button LP2985-33DBVT Datasheet HTML 7Page - Texas Instruments LP2985-33DBVT Datasheet HTML 8Page - Texas Instruments LP2985-33DBVT Datasheet HTML 9Page - Texas Instruments LP2985-33DBVT Datasheet HTML 10Page - Texas Instruments LP2985-33DBVT Datasheet HTML 11Page - Texas Instruments LP2985-33DBVT Datasheet HTML 12Page - Texas Instruments LP2985-33DBVT Datasheet HTML 13Page - Texas Instruments LP2985-33DBVT Datasheet HTML 14Page - Texas Instruments LP2985-33DBVT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
VIN
VOUT
ON/OFF
Overcurrent/
Overtemperature
Protection
VREF
1.23 V
−
+
BYPASS
LP2985
www.ti.com
SLVS522O – JULY 2004 – REVISED JANUARY 2015
7 Detailed Description
7.1 Overview
The LP2985 family of fixed-output, low-dropout regulators offers exceptional, cost-effective performance for both
portable and nonportable applications. Available in voltages of 1.8 V, 2.5 V, 2.8 V, 2.9 V, 3 V, 3.1 V, 3.3 V, 5 V,
and 10 V, the family has an output tolerance of 1% for the A version (1.5% for the non-A version) and is capable
of delivering 150-mA continuous load current. Standard regulator features, such as overcurrent and
overtemperature protection, are included.
7.2 Functional Block Diagram
7.3 Feature Description
The LP2985 has a host of features that makes the regulator an ideal candidate for a variety of portable
applications:
•
Low dropout: A PNP pass element allows a typical dropout of 280 mV at 150-mA load current and 7 mV at 1-
mA load.
•
Low quiescent current: The use of a vertical PNP process allows for quiescent currents that are considerably
lower than those associated with traditional lateral PNP regulators.
•
Shutdown: A shutdown feature is available, allowing the regulator to consume only 0.01
μA when the
ON/OFF pin is pulled low.
•
Low-ESR-capacitor friendly: The regulator is stable with low-ESR capacitors, allowing the use of small,
inexpensive, ceramic capacitors in cost-sensitive applications.
•
Low noise: A BYPASS pin allows for low-noise operation, with a typical output noise of 30
μVRMS, with the
use of a 10-nF bypass capacitor.
•
Small packaging: For the most space-constrained needs, the regulator is available in the SOT-23 package.
7.4 Device Functional Modes
7.4.1 Normal Operation
In normal operation, the device will output a fixed voltage corresponding with the orderable part number. The
device can deliver 150 mA of continuous load current.
7.4.2 Shutdown Mode
Set the ON/OFF pin low to shut down the device when VIN is still present. If a shutdown mode is not needed, tie
the pin to VIN. For proper operation, do not leave ON/OFF unconnected, and apply a signal with a slew rate of
≥40 mV/μs.
Copyright © 2004–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com