Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC97338 Datasheet(PDF) 58 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97338
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97338 Datasheet(HTML) 58 Page - National Semiconductor (TI)

Back Button PC97338 Datasheet HTML 54Page - National Semiconductor (TI) PC97338 Datasheet HTML 55Page - National Semiconductor (TI) PC97338 Datasheet HTML 56Page - National Semiconductor (TI) PC97338 Datasheet HTML 57Page - National Semiconductor (TI) PC97338 Datasheet HTML 58Page - National Semiconductor (TI) PC97338 Datasheet HTML 59Page - National Semiconductor (TI) PC97338 Datasheet HTML 60Page - National Semiconductor (TI) PC97338 Datasheet HTML 61Page - National Semiconductor (TI) PC97338 Datasheet HTML 62Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 221 page
background image
58
www.national.com
tual hardware selection is determined by bits 7-4
and it is software’s responsibility to keep bits 2-0
and 7-4 in synchronization (if desired).
In Legacy mode, these bits are ignored and paral-
lel port interrupt mapping is controlled by bits 1,0
of the FAR register, bit 3 of the PTR register and
bit 0 of the ASC register.
2.3.20 Plug and Play Configuration 1
Register (PNP1), Index 1Ch
This register allows configurable mapping of the
SCC’s interrupt onto the ISA interrupts. Upon reset,
PNP1 is initialized to 00000000.
In Legacy mode, this register is ignored and the
UART interrupt mapping is controlled via bits 7-2 of
the FAR register.
FIGURE 21. PNP1 Register Bitmap
Bits 3-0 - SCC1 Interrupt Mapping
SCC1 interrupt mapping in Plug and Play mode.
Upon reset these bits are initialized to 0000.
These bits are defined and handled identically to
bits 4,5,6 and 7 of the parallel port in the Plug and
Play Configuration 0 Register (PNP0), Index 1Bh.
Bits 7-4 - SCC2 Interrupt Mapping
SCC2 interrupt mapping in Plug and Play mode.
Upon reset these bits are initialized to 0000.
These bits are defined and handled identically to
bits 4,5,6 and 7 of the parallel port in the Plug and
Play Configuration 0 Register (PNP0), Index 1Bh.
2.3.21 SuperI/O Chip Configuration
Register 2 (SCF2), Index 40h
Undefined value when out of reset. This register con-
trols the following.
FIGURE 22. SCF2 Register Bitmap
Bits 1,0 - VLD0,1
These bits determine the state of bit 5 in the FDC
Tape Drive Register (TDR), when either Automatic
Media Sense TDR or Enhanced TDR is configured
(bit 0 of FCR = 0 or bit 2 of ASC = 1).
Bit 5 of TDR holds VLD0 bit value when two floppy
disk drives mode is configured (bit 4 of FER is 0)
and drive 0 is accessed. Bit 5 of TDR holds VLD1
bit value when two floppy disk drives mode is con-
figured (bit 4 of FER is 0) and drive 1 is accessed.
Otherwise, bit 5 of TDR holds 1.
Upon reset, these bits are undefined.
TABLE 22. TDR Bit 5 Values
Bits 3-2 - Reserved
These bits are reserved.
SCC1 Interrupt
SCC2 Interrupt Mapping
76
543
21
0
Reset
Required
0
0
0
0
0
0
0
0
(PNP1)
Plug and Play Configuration
Index 1Ch
Register 1
Mapping
Drive Accessed
SCF2
TDR
Bit 1
Bit 0
Bit 5
0x
0
0
0x
1
1
10
x
0
11
x
1
None
x
x
1
76
543
21
0
Register 2 (SCF2)
Reset
Required
Index 40h
SuperI/O Chip
VLD1,0
Reserved
Reserved
SCC1 Bank Select Enable
SCC2 Normal Power Mode
SCC2 is Busy
SCC2 Bank Select Enable
Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com