Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC97338 Datasheet(PDF) 144 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97338
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97338 Datasheet(HTML) 144 Page - National Semiconductor (TI)

Back Button PC97338 Datasheet HTML 140Page - National Semiconductor (TI) PC97338 Datasheet HTML 141Page - National Semiconductor (TI) PC97338 Datasheet HTML 142Page - National Semiconductor (TI) PC97338 Datasheet HTML 143Page - National Semiconductor (TI) PC97338 Datasheet HTML 144Page - National Semiconductor (TI) PC97338 Datasheet HTML 145Page - National Semiconductor (TI) PC97338 Datasheet HTML 146Page - National Semiconductor (TI) PC97338 Datasheet HTML 147Page - National Semiconductor (TI) PC97338 Datasheet HTML 148Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 221 page
background image
144
www.national.com
4.6
THE PARALLEL PORT
MULTIPLEXER (PPM)
A PPM is used for a PC, which may have an internal
Floppy Disk Drive (FDD) connected via regular FDC
pins, to interface with either a printer or an external
FDD, via a 25-pin DIN connector.
The printer and external FDD may be exchanged,
without turning the PC off, and without updating the
DOS device tables. The software may assign A to the
FDD connected to the regular FDC pins and B to the
FDD connected to the PPM pins (the default assign-
ment), or vice versa.
The FDC output signals are always connected to the
regular FDC output pins.
The FDC output signals are connected to the PPM
output pins when the PPM is enabled (bits 7 and 6 of
SIRQ3 are 1 and 0, respectively) and a floppy drive is
connected to it (PNF = 0). See Table 72.
The FDC input signals are connected to the regular
FDC pins when either bits 7 and 6 of SIRQ3 are not
equal to 1 and 0, respectively, or when the PNF signal
is active (high).
The FDC input pins are internally multiplexed be-
tween the regular FDC pins and the PPM pins when
bits 7 and 6 of SIRQ3 are 1 and 0, respectively, and
PNF = 0 as follows:
• The PPM pins are connected to the FDC input
signals when DR1=0.
• The regular pins are connected to the FDC input
signals when DR1=1.
To support true floating pins, the pins are back-drive
protected.
When bit 3 of FCR is 1, the PPM pins are floated.
When the PPM is not enabled, the parallel port signals
are connected to the PPM pins. (The PPM is config-
ured when bits 7,6 of SIRQ3 are 10, and bit 1 of SCF3
is 0.)
When bits 7,6 of SIRQ3 are 10, and PNF=1, the par-
allel port signals are connected to the PPM pins.
When bits 7,6 of SIRQ3 are 10, and PNF=0, the FDC
output signals are connected to the PPM pins.
Reading back the DTR or CTR returns their written
values.
Input signals assume their default values (STR regis-
ter): BUSY = 0, PE = 0, SLCT = 0, ACK = 1 and thus
the parallel port module sees cable not connected.
4.7
PARALLEL PORT PIN/SIGNAL LIST
Table 72 on the following page shows the standard
25-pin, D-type connector definition for various parallel
port operations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com