Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC97338 Datasheet(PDF) 158 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97338
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97338 Datasheet(HTML) 158 Page - National Semiconductor (TI)

Back Button PC97338 Datasheet HTML 154Page - National Semiconductor (TI) PC97338 Datasheet HTML 155Page - National Semiconductor (TI) PC97338 Datasheet HTML 156Page - National Semiconductor (TI) PC97338 Datasheet HTML 157Page - National Semiconductor (TI) PC97338 Datasheet HTML 158Page - National Semiconductor (TI) PC97338 Datasheet HTML 159Page - National Semiconductor (TI) PC97338 Datasheet HTML 160Page - National Semiconductor (TI) PC97338 Datasheet HTML 161Page - National Semiconductor (TI) PC97338 Datasheet HTML 162Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 221 page
background image
158
www.national.com
Bits 0 to 6 are only effective in UART, Sharp-IR and
SIR modes.
They are ignored in MIR, FIR and CEIR modes.
FIGURE 88. Link Control Register
TABLE 78. Word Length Select Encoding
TABLE 79. Bit Settings for Parity Control
B1–0 WLS [1–0] – Character Length.
These bits specify the length of each transmit-
ted or received serial character.
Bits 1-0
Character Length
00
5 Bits(Default)
01
6 Bits
10
7 Bits
11
8 Bits
B2 STB – Stop Bits.
Number of stop bits in each transmitted serial
character. If this bit is 0, 1 stop bit is generated in
the transmitted data. If it is 1 and a 5-bit character
length is selected via bits 0 and 1, 1.5 stop bits are
generated. If it is 1 and a 6, 7 or 8-bit character
length is selected, 2 stop bits are generated. The
receiver checks 1 stop bit only, regardless of the
number of stop bits selected.
B3 PEN – Parity Enable.
When set to 1, parity bits are generated and
checked by the transmitter and receiver channels
respectively.
B4 EPS – Even Parity.
Used in conjunction with the STKP bit to deter-
mine the parity bit. See encodings below.
B5 STKP – Stick Parity.
The encodings of this and the previous two bits,
for control of the parity bit, are as follows:
76
543
21
0
Reset
Required
0
0
0
0
0
0
0
0
STB
EPS
STKP
SBRK
BKSE
WLS0
WLS1
PEN
PEN
EPS
STKP
Selected Parity
0x
x
None
100
Odd
110
Even
101
Logic 1
111
Logic 0
B6 SBRK – Set Break.
When set to 1, the following occurs:
—
If UART mode is selected, the SOUT pin is forced
to a logic 0 state.
—
If SIR mode is selected, pulses are issued contin-
uously on the IRTX pin.
—
If Sharp-IR mode is selected and internal modu-
lation is enabled, pulses are issued continuously
on the IRTX pin.
—
If Sharp-IR mode is selected and internal modu-
lation is disabled, the IRTX pin is forced to a logic
1 state.
The break is disabled by setting this bit to 0. This
bit acts only on the transmitter front-end and has
no effect on the rest of the transmitter logic.
The following sequence should be followed to
avoid transmission of erroneous characters be-
cause of the break.
1. Wait for the transmitter to be empty (TXEMP =
1).
2. Set SBRK to 1.
3. Wait for the transmitter to be empty, and clear
SBRK when normal transmission has to be re-
stored.
During the break, the transmitter can be used as
a character timer to accurately establish the
break duration.
B7 BKSE – Bank Select Enable.
In the LCR register this bit is always 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com