Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC97338 Datasheet(PDF) 163 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97338
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97338 Datasheet(HTML) 163 Page - National Semiconductor (TI)

Back Button PC97338 Datasheet HTML 159Page - National Semiconductor (TI) PC97338 Datasheet HTML 160Page - National Semiconductor (TI) PC97338 Datasheet HTML 161Page - National Semiconductor (TI) PC97338 Datasheet HTML 162Page - National Semiconductor (TI) PC97338 Datasheet HTML 163Page - National Semiconductor (TI) PC97338 Datasheet HTML 164Page - National Semiconductor (TI) PC97338 Datasheet HTML 165Page - National Semiconductor (TI) PC97338 Datasheet HTML 166Page - National Semiconductor (TI) PC97338 Datasheet HTML 167Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 221 page
background image
163
www.national.com
5.15 BANK 1
TABLE 82. Bank 1 Register Set
In MIR or FIR modes this bit can be used in con-
junction with bit 1 to determine whether a number
of bytes, as determined by the RX_FIFO thresh-
old, can be read without checking the RXDA bit in
the LSR register for each byte. Cleared when a
character is read from the RX_FIFO.
B1 MIR, FIR Modes
FEND_INF – Frame End Bytes in RX_FIFO.
This bit is read-only, and is set to 1 when one or
more Frame End bytes are in the RX_FIFO.
Cleared when no Frame End byte is in the
RX_FIFO.
B2 MIR, FIR Modes
S_EOT – Set End of Transmission.
When a 1 is written into this bit position before
writing the last character into the TX_FIFO, frame
transmission is completed and a CRC + EOF is
sent. This bit can be used as an alternative to the
Transmitter Frame Length register. If this method
is to be used, the FEND_MD bit in the IRCR2 reg-
ister should be set to 1, or the Transmitter Frame
Length register should be set to maximum count.
This bit is automatically cleared by the hardware
when a character is written into the TX_FIFO.
CEIR Mode
S_EOT – Set End of Transmission.
When a 1 is written into this bit position before
writing the last character into the TX_FIFO, data
transmission is gracefully completed. If the CPU
simply stops writing data into the TX_FIFO at the
end of the data stream, a transmitter underrun is
generated and the transmitter stops. In this case,
this is not an error, however the software needs to
clear the underrun before the next transmission
can occur.
This bit is automatically cleared by the hardware
when a character is written into the TX_FIFO.
B3 MIR, FIR Modes
TXHFE – Transmitter Halted on Frame End.
This bit is used only when the transmitter frame-
end stop mode is selected (TX_MS bit in IRCR2
set to 1). It is set to 1 by the hardware when trans-
mission of a frame is complete and the end-of-
frame condition was generated by the TFRCC
counter reaching 0.
This bit must be cleared, by writing 1 into it, to re-
enable transmission.
B4 MIR, FIR Modes
LOST_FR – Lost Frame Flag.
This bit is read-only, and reflects the setting of the
lost-frame indicator flag at the bottom of the
ST_FIFO.
CEIR Mode
RXWDG – Receiver Watch Dog.
Set to 1 each time an infrared pulse or pulse-train
is detected by the receiver.
Can be used by the software to detect a receiver
idle condition.
Cleared upon read.
B5 MIR, FIR Modes
RXBSY – Receiver Busy.
This bit is read-only, and returns a 1 when recep-
tion of a frame is in progress.
CEIR Mode
RXACT – Receiver Active.
Set to 1 when an infrared pulse or pulse-train is
received. If a 1 is written into this bit position, the
bit is cleared and the receiver is deactivated.
When this bit is set, the receiver samples the in-
frared input continuously at the programmed baud
rate and transfers the data to the RX_FIFO.
B6 MIR, FIR, CEIR Modes
TXUR – Transmitter Underrun.
This bit is set to 1 when a transmitter underrun oc-
curs.
It is always cleared when a mode other than MIR,
FIR or CEIR is selected.
This bit must be cleared, by writing 1 into it, to re-
enable transmission.
B7 UART, Sharp-IR, CEIR Modes
CTE - Clear Timer Event
Writing 1 into this bit position clears the TMR_EV
bit in the EIR register. Writing 0 into it has no ef-
fect.
MIR, FIR, SIR Modes
PLD/CTE – Pipeline Load Status/Clear Timer
Event.
Reading this bit returns the pipeline load status. It
is set to 1 by the hardware when a pipeline load
operation occurs. It is cleared upon read.
Writing 1 into this bit position clears the TMREV
bit in the EIR register. Writing 0 into it has no ef-
fect. The write operation has no effect on the
Pipeline Load Status.
Address
Offset
Register
Name
Description
00h
LBGD(L)
Legacy Baud Generator
Divisor Port (Low Byte)
01h
LBGD(H)
Legacy Baud Generator
Divisor Port (High Byte)
02h
Reserved
03h
LCR/
BSR
Link Control /
Bank Select Register
04h - 07h
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com