Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC97338 Datasheet(PDF) 219 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97338
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97338 Datasheet(HTML) 219 Page - National Semiconductor (TI)

Back Button PC97338 Datasheet HTML 213Page - National Semiconductor (TI) PC97338 Datasheet HTML 214Page - National Semiconductor (TI) PC97338 Datasheet HTML 215Page - National Semiconductor (TI) PC97338 Datasheet HTML 216Page - National Semiconductor (TI) PC97338 Datasheet HTML 217Page - National Semiconductor (TI) PC97338 Datasheet HTML 218Page - National Semiconductor (TI) PC97338 Datasheet HTML 219Page - National Semiconductor (TI) PC97338 Datasheet HTML 220Page - National Semiconductor (TI) PC97338 Datasheet HTML 221Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 219 / 221 page
background image
219
www.national.com
PnP mode
In this mode, the interrupts, the DMA chan-
nels and the base address of the FDC, SCC1,
SCC2 and the Parallel Port of the Chip are ful-
ly plug and play. This mode is configured via
bit 3 of Plug and Play configuration register 0
(PNP0).
PNP0, PNP1 and PNP2
Plug
and
Play
configuration
registers
0
through 2.
P_MDR
Pipeline Mode Register for SCCs.
PIO
Programmable Input/Output.
ppm
Parts per million.
PPM
Parallel Port Multiplexor or Multiplexed.
PPM mode
In this mode, the Parallel Port pins of the chip
serve as FDC pins.
Precompensation
Also called write precompensation, is a way of
preconditioning the WDATA output signal to
adjust for the effects of bit shift on the data as
it is written to the disk surface.
PTR
The Power and Test configuration Register.
RSR
The Receiver Shift Register for SCCs. This
register if for internal use only.
SBAH
The register that holds the High byte of the
Base Address, of the Super I/O chip.
SBAL
The register that holds the Low byte of the
Base Address, of the Super I/O chip.
SCCs
Serial Communciation Controllers.
SCF0, SCF1 and SCF2
The Configuration registers that configure the
Super I/O chip.
SCR
Scratch Register for SCCs.
SH_LCR
Shadow of the Line Control Register (LCR) for
the SCC2 for read operations.
SHARP-IR
SHARP Infrared.
SHARP-IR mode
In this mode, the Chip provides SHARP Infra-
red interface. This mode is configured via
the IRC register.
SID
Super I/O ID, the configuration register that
holds the identity of the Super I/O chip.
SIO
Super I/O, sometimes used to refer to a chip
that has Super I/O capabilities.
SIR
Serial Infrared.
SIR_PW
SIR Pulse Width control for the SCC2.
SIRQ1, SIRQ2 and SIRQ3
These configuration registers describe the
SIRQI1, SIRQI2 and SIRQI3 functions, which
determine how Interrupt Requests are han-
dled.
SPP
The Standard Parallel Port configuration of the
Parallel Port device supports the Compatible
SPP mode and the Extended PP mode.
SRA and SRB
Status Registers A and B of the Floppy Disk
Controller (FDC).
ST0, ST1, ST2 and ST3
Status registers 0, 1, 2 and 3 of the Floppy
Disk Controller (FDC).
STR
Status Register of the parallel port.
TDR
Tape Drive Register of the Floppy Disk Con-
troller (FDC).
TFIFO
Test FIFO for the parallel port in Extended Ca-
pabilities Port mode.
TXDR
The Transmitter Data Register for SCCs.
TUP
The Tape drive, SCCs, Parallel port configura-
tion register.
S1BAH
The configuration register that holds the High
byte of the Base Address of SCC1.
S1BAL
The configuration register that holds the Low
byte of the Base Address of SCC1.
S2BAH
The configuration register that holds the High
byte of the Base Address of SCC2.
S2BAL
The configuration register that holds the Low
byte of the Base Address of SCC2.
UART
Universal Asynchronous Receiver Transmitter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com