Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF31-Q1 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # REF31-Q1
Description  15 ppm Maximum, 100-uA, SOT-23 Series Voltage Reference
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF31-Q1 Datasheet(HTML) 13 Page - Texas Instruments

Back Button REF31-Q1 Datasheet HTML 9Page - Texas Instruments REF31-Q1 Datasheet HTML 10Page - Texas Instruments REF31-Q1 Datasheet HTML 11Page - Texas Instruments REF31-Q1 Datasheet HTML 12Page - Texas Instruments REF31-Q1 Datasheet HTML 13Page - Texas Instruments REF31-Q1 Datasheet HTML 14Page - Texas Instruments REF31-Q1 Datasheet HTML 15Page - Texas Instruments REF31-Q1 Datasheet HTML 16Page - Texas Instruments REF31-Q1 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
ADS7822
V
CC
CS
D
OUT
DCLOCK
V
REF
+In
-In
GND
+
+
5W
1 F to 10 F
m
m
1 F to
m
10 F
m
3.3V
0.1 F
m
V
IN
V+
V
S
Microcontroller
REF3133-Q1
GND
Copyright © 2016, Texas Instruments Incorporated
OPA703
REF3125-Q1
+5V
-5V
+5V
10kW
10kW
+2.5V
-2.5V
Copyright © 2016, Texas Instruments Incorporated
13
REF3112-Q1, REF3120-Q1, REF3125-Q1
REF3130-Q1, REF3133-Q1, REF3140-Q1
www.ti.com
SBVS299 – APRIL 2017
Product Folder Links: REF3112-Q1 REF3120-Q1 REF3125-Q1 REF3130-Q1 REF3133-Q1 REF3140-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
8.4 Device Functional Modes
8.4.1 Negative Reference Voltage
For applications requiring a negative and positive reference voltage, the REF31xx-Q1 and OPA703 can be used
to provide a dual-supply reference from a ±5-V supply. Figure 24 shows the REF3125-Q1 used to provide a
±2.5-V supply reference voltage. The low drift performance of the REF31xx-Q1 complements the low offset
voltage and low drift of the OPA703 to provide an accurate solution for split-supply applications.
Figure 24. REF3125-Q1 Combined With OPA703 to Create Positive and Negative Reference Voltages
8.4.2 Data Acquisition
Data acquisition systems often require stable voltage references to maintain accuracy. The REF31xx-Q1 family
features stability and a wide range of voltages suitable for most microcontrollers and data converters. Figure 25,
Figure 26, and Figure 27 show basic data acquisition systems.
Figure 25. Basic Data Acquisition System 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com