Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2STF2280 Datasheet(PDF) 3 Page - STMicroelectronics

Part # 2STF2280
Description  Low collector-emitter saturation voltage
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2STF2280 Datasheet(HTML) 3 Page - STMicroelectronics

  2STF2280 Datasheet HTML 1Page - STMicroelectronics 2STF2280 Datasheet HTML 2Page - STMicroelectronics 2STF2280 Datasheet HTML 3Page - STMicroelectronics 2STF2280 Datasheet HTML 4Page - STMicroelectronics 2STF2280 Datasheet HTML 5Page - STMicroelectronics 2STF2280 Datasheet HTML 6Page - STMicroelectronics 2STF2280 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2STF2280
Electrical characteristics
Doc ID 16984 Rev 1
3/7
2
Electrical characteristics
TCASE = 25 °C unless otherwise specified.
Table 4.
Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ICES
Collector cut-off current
(VBE = 0)
VCE = -80 V
-500
µA
ICEO
Collector cut-off current
(IB = 0)
VCE = -80 V
-1
mA
IEBO
Emitter cut-off current (IC = 0) VEB = -5 V
-100
µA
VCEO(sus)
(1)
Collector-emitter sustaining
voltage (IB = 0)
IC = -10 mA
-80
V
VCE(sat)
(1)
Collector-emitter saturation
voltage
IC = -100 mA, IB = -10 mA
IC = -1 A, IB = -100 mA
-15
-100
-250
mV
mV
VBE(sat)
(1)
Base-emitter saturation
voltage
IC = -100 mA, IB = -10 mA
IC = -1 A, IB = -100 mA
-1
-1.1
V
V
hFE
(1)
DC current gain
IC = -100 mA, VCE = -2 V
IC = -500 mA, VCE = -2 V
IC = -1 A, VCE = -2 V
140
100
80
190
300
fT
Transition frequency
IC = -0.1 A, VCE = -10 V
50
MHz
1.
Pulse test: pulse duration
≤ 300 µs, duty cycle ≤ 2 %.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com