Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO8200BQ Datasheet(PDF) 17 Page - STMicroelectronics

Part # ISO8200BQ
Description  Galvanic isolated octal high-side smart power solid state-relay
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISO8200BQ Datasheet(HTML) 17 Page - STMicroelectronics

Back Button ISO8200BQ Datasheet HTML 13Page - STMicroelectronics ISO8200BQ Datasheet HTML 14Page - STMicroelectronics ISO8200BQ Datasheet HTML 15Page - STMicroelectronics ISO8200BQ Datasheet HTML 16Page - STMicroelectronics ISO8200BQ Datasheet HTML 17Page - STMicroelectronics ISO8200BQ Datasheet HTML 18Page - STMicroelectronics ISO8200BQ Datasheet HTML 19Page - STMicroelectronics ISO8200BQ Datasheet HTML 20Page - STMicroelectronics ISO8200BQ Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 37 page
background image
ISO8200BQ
Functional description
DocID027303 Rev 4
17/37
6.1.3
Output synchronization SYNC
The input is active low; it enables the ISO8200BQ transmission buffer loading input buffer
data and manages the transmission between the two isolated sides of the device.
6.1.4
Watchdog
The isolated side of the device provides a watchdog function in order to guarantee a safe
condition when Vdd supply voltage is missing.
If the logic side does not update the output status within tWD, all outputs are disabled until a
new update request is received.
The refresh signal is also considered a valid update signal, so the isolated side watchdog
does not protect the system from a failure of the host controller (MCU freezing).
Figure 7: Watchdog behavior
6.1.5
Output enable (OUT_EN)
This pin provides a fast way to disable all outputs simultaneously. When the OUT_EN pin is
driven low the outputs are disabled. To enable the output stage, the OUT_EN pin has to be
raised. This timing execution is compatible with an external reset push, safety requirement,
and allows, in a PLC system, the microcontroller polling to obtain all internal information
during a reset procedure.
Figure 8: Output channel enable timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com