| Electronic Components Datasheet Search |
|
L4984D Datasheet(PDF) 16 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L4984D Datasheet(HTML) 16 Page - STMicroelectronics |
|
16 / 35 page ![]() Application information L4984D 16/35 DocID024474 Rev 1 5 Application information 5.1 Theory of operation The L4984D implements conventional “peak” current mode control, where the on-time TON of the external power switch is determined by the peak inductor current reaching the programmed value. The off-time TOFF, instead, is determined by a special fixed-off-time (FOT) modulator in such a way that the resulting switching period is constant as long as the boost converter is operated in CCM (i.e. the current in the boost inductor remains greater than zero in a switching cycle). To understand how TOFF needs to be modulated to achieve a fixed switching frequency independent of the instantaneous line voltage and the load, it is useful to consider the V·s balance equation for the boost inductor under the assumption of CCM operation: Equation 1 where Vpk is the peak line voltage, Vout the regulated output voltage and θ the instantaneous phase angle of the line voltage. Solving for TON, we get: Equation 2 then, the switching period TSW is: Equation 3 In the end, if TOFF is changed proportionally to the instantaneous line voltage, i.e. if: Equation 4 then TSW is equal to Kt·Vout and, since Vout is regulated by the voltage loop, also TSW (and fSW = 1/TSW) is fixed. This result is based on the sole assumption that the instantaneous line voltage and the output load are such that the boost inductor operates in CCM. () sin θ Vpk Vout T sin θ Vpk T OFF ON − = OFF ON T 1 sin θ Vpk Vout T ⎟⎟⎠ ⎞ ⎜⎜⎝ ⎛ − = OFF OFF OFF OFF ON sw T sin Vpk Vout T T 1 sin Vpk Vout T T T θ = + ⎟⎟⎠ ⎞ ⎜⎜⎝ ⎛ − θ = + = θ = sin Vpk K T t OFF |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |